Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  0.2 WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 24Page - Texas Instruments DLPC3430 Datasheet HTML 25Page - Texas Instruments DLPC3430 Datasheet HTML 26Page - Texas Instruments DLPC3430 Datasheet HTML 27Page - Texas Instruments DLPC3430 Datasheet HTML 28Page - Texas Instruments DLPC3430 Datasheet HTML 29Page - Texas Instruments DLPC3430 Datasheet HTML 30Page - Texas Instruments DLPC3430 Datasheet HTML 31Page - Texas Instruments DLPC3430 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
28
DLP2010
DLPS046B – JULY 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
A pico-projector is created by using a DLP chip set comprised of a DLP2010 DMD, DLPC3430 or DLPC3435
controller and DLPA2000 PMIC/LED driver. The DLPC3430 or DLPC3435 controller does the digital image
processing, the DLPA2000 provides the needed analog functions for the projector, and DMD is the display
device for producing the projected image.
In addition to the three DLP chips in the chip set, other chips may be needed. At a minimum, a flash part is
needed to store the software and firmware to control the DLPC3430 or DLPC3435.
The illumination light that is applied to the DMD is typically from red, green, and blue LEDs. These are often
contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico-projector.
Parallel interface is used for connecting the DLPC3430 or DLPC3435 to the host processing for receiving
images. When the parallel interface is used, I2C should be connected to the host processor for sending
commands to the DLPC3430 or DLPC3435.
The only power supplies needed external to the projector are the battery (SYSPWR) and a regulated 1.8-V
supply.
8.2.2 Detailed Design Procedure
For connecting together the DLPC3430 or DLPC3435, the DLPA2000, and the DMD, see the reference design
schematic. When a circuit board layout is created from this schematic a very small circuit board is possible. An
example small board layout is included in the reference design data base. Layout guidelines should be followed
to achieve a reliable projector.
The optical engine that has the LED packages and the DMD mounted to it is typically supplied by an optical
OEM who specializes in designing optics for DLP projectors.
A miniature stepper motor can optionally be added to the optical engine for creating a motorized focus. Direct
control and driving of the motor can be done by the DLPA2000, and software commands sent over I2C to the
DLPC3430 or DLPC3435 are available to move the motor to the desired position.
8.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased, the
brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is shown in Figure 21. For the LED currents shown, it is assumed that
the same current amplitude is applied to the red, green, and blue.
SPACE
Figure 21. Luminance vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com