Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  0.2 WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 12Page - Texas Instruments DLPC3430 Datasheet HTML 13Page - Texas Instruments DLPC3430 Datasheet HTML 14Page - Texas Instruments DLPC3430 Datasheet HTML 15Page - Texas Instruments DLPC3430 Datasheet HTML 16Page - Texas Instruments DLPC3430 Datasheet HTML 17Page - Texas Instruments DLPC3430 Datasheet HTML 18Page - Texas Instruments DLPC3430 Datasheet HTML 19Page - Texas Instruments DLPC3430 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
šµu
Z [ Œ
(3 places)
šµu
Z [ Œ
(1 place)
DMD Mounting Area
(4 ‰o
• }‰‰}•]š
šµu•
Z [ v Z [
Connector Area
16
DLP2010
DLPS046B – JULY 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
6.8 Switching Characteristics
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Output propagation, Clock to Q, rising
edge of LS_CLK input to LS_RDATA
output. Figure 12
CL = 5 pF
11.1
ns
CL = 10 pF
11.3
ns
CL = 85 pF
15
ns
Slew rate, LS_RDATA
0.5
V/ns
Output duty cycle distortion, LS_RDATA
40%
60%
6.9 System Mounting Interface Loads
PARAMETER
MIN
NOM
MAX
UNIT
Maximum system mounting
interface load to be applied to the:
Connector area (see Figure 14)
45
N
DMD mounting area uniformly distributed over 4
areas (see Figure 14)
100
N
Figure 14. System Interface Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com