Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  0.2 WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments DLPC3430 Datasheet HTML 10Page - Texas Instruments DLPC3430 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
DLP2010
www.ti.com
DLPS046B – JULY 2014 – REVISED JULY 2016
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
Recommended Operating Conditions are applicable after the DMD is installed in the final product.
(2)
The functional performance of the device specified in this datasheet is achieved when operating the device within the limits defined by
the Recommended Operating Conditions. No level of performance is implied when operating the device above or below the
Recommended Operating Conditions limits.
(3)
The following power supplies are all required to operate the DMD: VSS, VDD, VDDI, VOFFSET, VBIAS, and VRESET.
(4)
All voltage values are with respect to the ground pins (VSS).
(5)
VOFFSET supply transients must fall within specified max voltages.
(6)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(7)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(8)
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than specified limit.
(9)
LS_CLK must run as specified to ensure internal DMD timing for reset waveform commands.
(10) Refer to the SubLVDS timing requirements in Timing Requirements.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
NOM
MAX
UNIT
SUPPLY VOLTAGE RANGE(4)
VDD
Supply voltage for LVCMOS core logic
Supply voltage for LPSDR low-speed interface
1.65
1.8
1.95
V
VDDI
Supply voltage for SubLVDS receivers
1.65
1.8
1.95
V
VOFFSET
Supply voltage for HVCMOS and micromirror
electrode(5)
9.5
10
10.5
V
VBIAS
Supply voltage for mirror electrode
17.5
18
18.5
V
VRESET
Supply voltage for micromirror electrode
–14.5
–14
–13.5
V
|VDDI–VDD|
Supply voltage delta (absolute value)(6)
0.3
V
|VBIAS–VOFFSET|
Supply voltage delta (absolute value)(7)
10.5
V
|VBIAS–VRESET|
Supply voltage delta (absolute value)(8)
33
V
CLOCK FREQUENCY
ƒclock
Clock frequency for low speed interface LS_CLK(9)
108
120
MHz
ƒclock
Clock frequency for high speed interface DCLK(10)
300
600
MHz
Duty cycle distortion DCLK
44%
56%
SUBLVDS INTERFACE (10)
| VID |
SubLVDS input differential voltage (absolute value)
Figure 8, Figure 9
150
250
350
mV
VCM
Common mode voltage Figure 8, Figure 9
700
900
1100
mV
VSUBLVDS
SubLVDS voltage Figure 8, Figure 9
575
1225
mV
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
ZIN
Internal differential termination resistance Figure 10
80
100
120
Ω
100-Ω differential PCB trace
6.35
152.4
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com