Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  0.2 WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3430 Datasheet HTML 1Page - Texas Instruments DLPC3430 Datasheet HTML 2Page - Texas Instruments DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DLPC3430/
DLPC3435
Display Controller
DLP2010 DMD
DLPA2000
(PMIC and LED
Driver)
VOFFSET
VBIAS
VRESET
D_P(0)
D_N(0)
D_P(1)
D_N(1)
D_P(2)
D_N(2)
D_P(3)
D_N(3)
DCLK_P
DCLK_N
DMD_DEN_ARSTZ
LS_WDATA
LS_CLK
LS_RDATA
120-MHz
SDR
Interface
600-MHz
SubLVDS
DDR
Interface
VDDI
VDD
VSS
System Signal Routing Omitted For Clarity
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLP2010
DLPS046B – JULY 2014 – REVISED JULY 2016
DLP2010 (0.2 WVGA DMD)
1
1 Features
1
•
0.2-Inch (5.29-mm) Diagonal Micromirror Array
–
854 × 480 Array of Aluminum Micrometer-
Sized Mirrors, in an Orthogonal Layout
–
5.4 – Micron Micromirror Pitch
–
±17° Micromirror Tilt (Relative to Flat Surface)
–
Side Illumination for Optimal Efficiency and
Optical Engine Size
–
Polarization Independent Aluminum
Micromirror Surface
•
4-Bit SubLVDS Input Data Bus
•
15.9-mm × 5.3-mm × 4-mm Package Size
•
Dedicated DLPC3430 or DLPC3435 Display
Controller and DLPA2000 PMIC/LED Driver for
Reliable Operation
2 Applications
•
Embedded Projector:
–
Smart Phone
–
Tablet
–
Camera
–
Camcorder
–
Laptop
•
Battery Powered Mobile Accessory
•
Wearable (Near–Eye) Display
•
Interactive Display
•
Low Latency Gaming Display
•
Digital Signage
3 Description
The DLP2010 digital micromirror device (DMD) is a
digitally
controlled
micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DLP2010 DMD displays a very crisp and high quality
image or video. DLP2010 is part of the chipset
comprising of the DLP2010 DMD, DLPC3430 or
DLPC3435
display
controller
and
DLPA2000
PMIC/LED driver. The compact physical size of the
DLP2010 is well-suited for portable equipment where
small form factor and low power is important. The
compact package compliments the small size of
LEDs to enable highly efficient, robust light engines.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP2010
FQJ (40)
15.90 × 5.30 × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DLP® DLP2010 (0.2 WVGA) Chipset


Similar Part No. - DLPC3430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
Display Controller
DLPC3430 TI2-DLPC3430 Datasheet
1Mb / 58P
DLPA2000 Power Management and LED/Lamp Driver IC
REVISED FEBRUARY 2018
DLPC3430CZVBR TI1-DLPC3430CZVBR Datasheet
1Mb / 59P
Display Controller
DLPC3430ZVBR TI1-DLPC3430ZVBR Datasheet
1Mb / 59P
Display Controller
More results

Similar Description - DLPC3430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
DLP짰 0.3 WVGA Series 220 DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
WVGA DMD
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
0.2 WVGA Near-Infrared DMD
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
DLP 0.3 WVGA Series 220 DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
0.3 WVGA S450 DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
DLP2010 .2 WVGA DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
DLP2010LC .2 WVGA DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
DLP3021-Q1 0.3-Inch WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com