Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3430
Description  0.2 WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC3430 Datasheet HTML 2Page - Texas Instruments DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments DLPC3430 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
DLP2010
DLPS046B – JULY 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device is not implied at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure above or below the Recommended Operation Conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the ground terminals (VSS). The following power supplies are all required to operate the DMD:
VSS, VDD, VDDI, VOFFSET, VBIAS, and VRESET.
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable absolute voltage difference between VDDI and VDD may result in excessive current draw.
(5)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current
draw.
(6)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VRESET may result in excessive current draw.
(7)
This maximum input voltage rating applies when each input of a differential pair is at the same voltage potential. Sub-LVDS differential
inputs must not exceed the specified limit or damage may result to the internal termination resistors.
(8)
The highest temperature of the active array (as calculated by the Micromirror Array Temperature Calculation), or of any point along the
Window Edge as defined in Figure 18. The locations of thermal test points TP2 and TP3 in Figure 18 are intended to measure the
highest window edge temperature. If a particular application causes another point on the window edge to be at a higher temperature,
that point should be used.
(9)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 18. The window test points TP2 and TP3 shown in Figure 18 are intended to result in the worst case delta. If a particular
application causes another point on the window edge to result in a larger delta temperature, that point should be used.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage
VDD
Supply voltage for LVCMOS core logic(2)
Supply voltage for LPSDR low speed interface
–0.5
2.3
V
VDDI
Supply voltage for SubLVDS receivers(2)
–0.5
2.3
V
VOFFSET
Supply voltage for HVCMOS and micromirror
electrode(2)(3)
–0.5
10.6
V
VBIAS
Supply voltage for micromirror electrode(2)
–0.5
19
V
VRESET
Supply voltage for micromirror electrode(2)
–15
0.5
V
| VDDI–VDD |
Supply voltage delta (absolute value)(4)
0.3
V
| VBIAS–VOFFSET |
Supply voltage delta (absolute value)(5)
11
V
| VBIAS–VRESET |
Supply voltage delta (absolute value)(6)
34
V
Input voltage
Input voltage for other
inputs LPSDR(2)
–0.5
VDD + 0.5
V
Input voltage for other
inputs SubLVDS(2)(7)
–0.5
VDDI + 0.5
V
Input pins
| VID |
SubLVDS input differential voltage (absolute value)(7)
810
mV
IID
SubLVDS input differential current
8.1
mA
Clock
frequency
ƒclock
Clock frequency for low speed interface LS_CLK
130
MHz
ƒclock
Clock frequency for high speed interface DCLK
620
MHz
Environmental
TARRAY and TWINDOW
Temperature – operational(8)
–20
90
°C
Temperature – non-operational(8)
–40
90
°C
TDP
Dew Point Temperature - operating and non-
operating (non-condensing)
81
°C
|TDELTA|
Absolute Temperature delta between any point on
the window edge and the ceramic test point TP1(9)
30
°C
(1)
Long-term is defined as the usable life of the device.
(2)
Dew points beyond the specified long-term dew point are for short-term conditions only, where short-term is defined as less than 60
cumulative days over the usable life of the device (operating or storage).
6.2 Storage Conditions
applicable for the DMD as a component or non-operational in a system
MIN
MAX
UNIT
TDMD
DMD temperature
-40
85
°C
TDP
Dew Point Temperature
Long-term (non-condensing)(1)
24
Short-term (non-condensing)(2)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com