Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 159 Page - Texas Instruments

Back Button DM385 Datasheet HTML 155Page - Texas Instruments DM385 Datasheet HTML 156Page - Texas Instruments DM385 Datasheet HTML 157Page - Texas Instruments DM385 Datasheet HTML 158Page - Texas Instruments DM385 Datasheet HTML 159Page - Texas Instruments DM385 Datasheet HTML 160Page - Texas Instruments DM385 Datasheet HTML 161Page - Texas Instruments DM385 Datasheet HTML 162Page - Texas Instruments DM385 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
7.5
Interrupts
The device has a large number of interrupts to service the needs of its many peripherals and subsystems.
The ARM Cortex-A8 and Media Controller are capable of servicing these interrupts. The following sections
list the device interrupt mapping and multiplexing schemes.
7.5.1
ARM Cortex-A8 Interrupts
The ARM Cortex-A8 Interrupt Controller (AINTC) is responsible for prioritizing all service requests from the
System peripherals and generating either IRQs or FIQs to the Cortex-A8. The AINTC has the capability to
handle up to 128 requests, and the priority of the interrupt inputs are programmable. Table 7-26 lists the
interrupt sources for the AINTC.
For more details on ARM Cortex-A8 interrupt control, see the Interrupt Controller section of the Chip Level
Resources chapter in the device-specific Technical Reference Manual.
Table 7-26. ARM Cortex-A8 Interrupt Controller (AINTC) Interrupt Sources
Cortex-A8
ACRONYM
SOURCE
INTERRUPT NUMBER
0
EMUINT
Cortex-A8 Emulation
1
COMMTX
Cortex-A8 Emulation
2
COMMRX
Cortex-A8 Emulation
3
BENCH
Cortex-A8 Emulation
4
ELM_IRQ
ELM
5
–
Reserved
6
–
Reserved
7
NMI
NMIn Pin
8
–
Reserved
9
L3DEBUG
L3 Interconnect
10
L3APPINT
L3 Interconnect
11
TINT8
TIMER8
12
EDMACOMPINT
EDMA CC Completion
13
EDMAMPERR
EDMA Memory Protection Error
14
EDMAERRINT
EDMA CC Error
15
WDTINT0
Watchdog Timer 0
16
–
Reserved
17
USBSSINT
USB Subsystem
18
USBINT0
USB0
19
USBINT1
USB1
20-27
–
Reserved
28
SDINT1
MMC/SD1
29
SDINT2
MMC/SD2
30
I2CINT2
I2C2
31
I2CINT3
I2C3
32
GPIOINT2A
GPIO2 A
33
GPIOINT2B
GPIO2 B
34
USBWAKEUP
USB Subsystem Wakeup
35
PCIeWAKEUP
PCIe Wakeup
36
DSSINT
HDVPSS
37
–
Reserved
38
HDMIINT
HDMI
39
ISS_IRQ_5
ISS
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
159
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com