Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 12Page - Texas Instruments DP83848MPHPREP Datasheet HTML 13Page - Texas Instruments DP83848MPHPREP Datasheet HTML 14Page - Texas Instruments DP83848MPHPREP Datasheet HTML 15Page - Texas Instruments DP83848MPHPREP Datasheet HTML 16Page - Texas Instruments DP83848MPHPREP Datasheet HTML 17Page - Texas Instruments DP83848MPHPREP Datasheet HTML 18Page - Texas Instruments DP83848MPHPREP Datasheet HTML 19Page - Texas Instruments DP83848MPHPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 2-8. 10 Mb/s and 100 Mb/s PMD Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Differential common driver transmit output (PMD Output Pair). These differential outputs are automatically
configured to either 10BASE-T or 100BASE-TX signaling.
TD-, TD+
16, 17
I/O
In Auto-MDIX mode of operation, this pair can be used as the Receive Input pair.
These pins require 3.3V bias for operation.
Differential receive input (PMD Input Pair). These differential inputs are automatically configured to accept either
100BASE-TX or 10BASE-T signaling.
RD-, RD+
13, 14
I/O
In Auto-MDIX mode of operation, this pair can be used as the Transmit Output pair.
These pins require 3.3V bias for operation.
Table 2-9. Special Connections
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RBIAS
24
I
Bias Resistor Connection. A 4.87 k
Ω 1% resistor should be connected from RBIAS to GND.
Power Feedback Output. Parallel caps, 10
μ F (Tantalum preferred) and 0.1μF, should be placed close to the
PFBOUT
23
O
PFBOUT. Connect this pin to PFBIN1 (pin 18) and PFBIN2 (pin 37). See Section 5.4 for proper placement pin.
Power Feedback Input. These pins are fed with power from PFBOUT pin. A small capacitor of 0.1
μF should be
PFBIN1
18
I
connected close to each pin.
PFBIN2
37
Note: Do not supply power to these pins other than from PFBOUT.
RESERVED
20, 21
I/O
RESERVED: These pins must be pulled-up through 2.2 k
Ω resistors to AVDD33 supply.
Table 2-10. Power Supply Pins
TERMINAL
DESCRIPTION
NAME
NO.
IOVDD33
32, 48
I/O 3.3V Supply
IOGND
35, 47
I/O Ground
DGND
36
Digital Ground
AVDD33
22
Analog 3.3V Supply
AGND
15, 19
Analog Ground
GNDPAD
Thermal Pad
16
OVERVIEW
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com