Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 52 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 48Page - Texas Instruments DP83848MPHPREP Datasheet HTML 49Page - Texas Instruments DP83848MPHPREP Datasheet HTML 50Page - Texas Instruments DP83848MPHPREP Datasheet HTML 51Page - Texas Instruments DP83848MPHPREP Datasheet HTML 52Page - Texas Instruments DP83848MPHPREP Datasheet HTML 53Page - Texas Instruments DP83848MPHPREP Datasheet HTML 54Page - Texas Instruments DP83848MPHPREP Datasheet HTML 55Page - Texas Instruments DP83848MPHPREP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Attenuation versus Frequency
Frequency (MHz)
30
25
20
15
10
5
0
0
20
40
60
80
100
120
35
150m
130m
100m
50m
0m
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
6.2.2.1
Digital Adaptive Equalization and Gain Control
When transmitting data at high speeds over copper twisted pair cable, frequency dependent attenuation
becomes a concern. In high-speed twisted pair signalling, the frequency content of the transmitted signal
can vary greatly during normal operation based primarily on the randomness of the scrambled data
stream. This variation in signal attenuation caused by frequency variations must be compensated to
ensure the integrity of the transmission.
In order to ensure quality transmission when employing MLT-3 encoding, the compensation must be able
to adapt to various cable lengths and cable types depending on the installed environment. The selection of
long cable lengths for a given implementation, requires significant compensation which will over-
compensate for shorter, less attenuating lengths. Conversely, the selection of short or intermediate cable
lengths requiring less compensation will cause serious under-compensation for longer length cables. The
compensation or equalization must be adaptive to ensure proper conditioning of the received signal
independent of the cable length.
The DP83848 utilizes an extremely robust equalization scheme referred as ‘digital adaptive equalization’.
The digital equalizer removes inter symbol interference (ISI) from the receive data stream by continuously
adapting to provide a filter with the inverse frequency response of the channel. Equalization is combined
with an adaptive gain control stage. This enables the receive 'eye pattern' to be opened sufficiently to
allow very reliable data recovery.
The curves given in Figure 6-3 illustrate attenuation at certain frequencies for given cable lengths. This is
derived from the worst case frequency vs. attenuation figures as specified in the EIA/TIA Bulletin TSB-36.
These curves indicate the significant variations in signal attenuation that must be compensated for by the
receive adaptive equalization circuit.
Figure 6-3. EIA/TIA Attenuation vs. Frequency for 0, 50, 100, 130 and 150 meters of CAT 5 cable
52
ARCHITECTURE
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com