Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 66 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 62Page - Texas Instruments DP83848MPHPREP Datasheet HTML 63Page - Texas Instruments DP83848MPHPREP Datasheet HTML 64Page - Texas Instruments DP83848MPHPREP Datasheet HTML 65Page - Texas Instruments DP83848MPHPREP Datasheet HTML 66Page - Texas Instruments DP83848MPHPREP Datasheet HTML 67Page - Texas Instruments DP83848MPHPREP Datasheet HTML 68Page - Texas Instruments DP83848MPHPREP Datasheet HTML 69Page - Texas Instruments DP83848MPHPREP Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 9-2. Register Table (continued)
REGISTER
ADDRESS
TAG
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT0
NAME
EXTENDED REGISTERS
Auto-
False
Loop-
PHY Status
Re-
MDI-X
Rx Err
Polarity
Signal
Descram
Page
MII Inter-
Remote
Jabber
Neg
Duplex
Speed
Link
10h
PHYSTS
Carrier
back
Register
served
mode
Latch
Status
Detect
Lock
Receive
rupt
Fault
Detect
Com-
Status
Status
Status
Sense
Status
plete
MII Interrupt
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Control
11h
MICR
TINT
INTEN
INT_OE
served
served
served
served
served
served
served
served
served
served
served
served
served
Register
MII Interrupt
Status and
Re-
LINK_
SPD_
DUP_
ANC_
FHF_
RHF_
Re-
UNMSK
UNMSK
UNMSK
UNMSK
UNMSK
UNMSK
UNMSK
12h
MISR
ED_INT
Misc. Control
served
INT
INT
INT
INT
INT
INT
served
_ ED
_ LINK
_ JAB
_ RF
_ ANC
_ FHF
_ RHF
Register
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Reserved
13h
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
False Carrier
Sense
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
14h
FCSCR
FCSCNT
FCSCNT
FCSCNT FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
Counter
served
served
served
served
served
served
served
served
Register
Receive
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
RXER-
RXER-
RXER-
RXER-
RXER-
RXER-
RXER-
RXER-
Error Counter
15h
RECR
served
served
served
served
served
served
served
served
CNT
CNT
CNT
CNT
CNT
CNT
CNT
CNT
Register
PCS Sub-
Layer
DE
SCRAM
Configura-
Re-
Re-
Re-
BYP_4B
Re-
SD_FOR
SD_
DESC_
Re-
FORCE_ Re-
Re-
NRZI_
SCRAM
16h
PCSR
TQ_EN
_
tion and
served
served
served
5B
served
CE_PMA OPTION
TIME
served
100_OK
served
served
BYPASS
_
BYPASS
Status
BYPASS
Register
RMII and
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
RMII_
RMII_
RX_OVF
RX_UNF
RX_RD_
RX_RD_
Bypass
17h
RBR
served
served
served
served
served
served
served
served
served
served
MODE
REV1_0
_STS
_STS
PTR[1]
PTR[0]
Register
LED Direct
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
DRV_SP
DRV_LN
DRV_AC
Control
18h
LEDCR
SPDLED
LNKLED
ACTLED
served
served
served
served
served
served
served
served
served
served
DLED
KLED
TLED
Register
BP_
PHY Control
MDIX_E
FORCE_ PAUSE_
PAUSE_
BIST_
BIST_
LED_
LED_
PHY
PHY
PHY
PHY
PHY
19h
PHYCR
BIST_fe
PSR_15
STRE-
Register
N
MDIX
RX
TX
STATUS
START
CNFG[1]
CNFG[0]
ADDR
ADDR
ADDR
ADDR
ADDR
TCH
10Base-T
REJECT
LOOPBA
Status/
10BT_S
10BT_S
ERROR
ERROR
SQUE-
SQUE-
SQUE-
FORC_
Re-
POLARI-
Re-
Re-
HEART_
JABBER
1Ah
100
CK_10_
LP_DIS
Control
ERIAL
ERIAL
RANGE
RANGE
LCH
LCH
LCH
LINK_10
served
TY
served
served
DIS
_DIS
BASE T
DIS
Register
CD Test
Control and
BIST_
BIST_
BIST_
BIST_
BIST_
BIST_
BIST_
BIST_
BIST_
10Meg_
CDCTRL
Re-
Re-
CDPattE
Re-
CDPatt-
CDPatt-
BIST
1Bh
ERROR
ERROR
ERROR
ERROR
ERROR
ERROR
ERROR
ERROR
CONT_
Patt_
1
served
served
N_10
served
Sel
Sel
Extensions
_COUNT _COUNT _COUNT _COUNT _COUNT _COUNT _COUNT _COUNT
MODE
Gap
Register
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Re-
Reserved
1Ch
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
served
66
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com