Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 45 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments DP83848MPHPREP Datasheet HTML 44Page - Texas Instruments DP83848MPHPREP Datasheet HTML 45Page - Texas Instruments DP83848MPHPREP Datasheet HTML 46Page - Texas Instruments DP83848MPHPREP Datasheet HTML 47Page - Texas Instruments DP83848MPHPREP Datasheet HTML 48Page - Texas Instruments DP83848MPHPREP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
5.1.3
Carrier Sense
Carrier sense (CRS) is asserted due to receive activity, once valid data is detected via the squelch
function during 10 Mb/s operation. During 100 Mb/s operation CRS is asserted when a valid link (SD) and
two non-contiguous zeros are detected on the line.
For 10 or 100 Mb/s half duplex operation, CRS is asserted during either packet transmission or reception.
For 10 or 100 Mb/s full duplex operation, CRS is asserted only due to receive activity.
CRS is deasserted following an end of packet.
5.2
Reduced MII Interface
The DP83848 incorporates the reduced media independent interface (RMII) as specified in the RMII
specification (rev1.2) from the RMII Consortium. This interface may be used to connect PHY devices to a
MAC in 10/100 Mb/s systems using a reduced number of pins. In this mode, data is transferred 2-bits at a
time using the 50 MHz RMII_REF clock for both transmit and receive. The following pins are used in RMII
mode:
•
TX_EN
•
TXD[1:0]
•
RX_ER (optional for Mac)
•
CRS_DV
•
RXD[1:0]
•
X1 (RMII Reference clock is 50 MHz)
In addition, the RMII mode supplies an RX_DV signal which allows for a simpler method of recovering
receive data without having to separate RX_DV from the CRS_DV indication. This is especially useful for
systems which do not require CRS, such as systems that only support fullduplex operation. This signal is
also useful for diagnostic testing where it may be desirable to loop Receive RMII data directly to the
transmitter.
Since the reference clock operates at 10 times the data rate for 10 Mb/s operation, transmit data is
sampled every 10 clocks. Likewise, receive data will be generated every 10th clock so that an attached
device can sample the data every 10 clocks.
RMII mode requires a 50 MHz oscillator be connected to the device X1 pin. A 50 MHz crystal is not
supported.
To tolerate potential frequency differences between the 50 MHz reference clock and the recovered receive
clock, the receive RMII function includes a programmable elasticity buffer. The elasticity buffer is
programmable to minimize propagation delay based on expected packet size and clock accuracy. This
allows for supporting a range of packet sizes including jumbo frames.
The elasticity buffer will force frame check sequence errors for packets which overrun or underrun the
FIFO. Underrun and Overrun conditions can be reported in the RMII and bypass register (RBR). The
following table indicates how to program the elasticity buffer fifo (in 4-bit increments) based on expected
max packet size and clock accuracy. It assumes both clocks (RMII reference clock and far-end transmitter
clock) have the same accuracy.
Table 5-1. Supported Packet Sizes at ±50ppm and ±100ppm for Each Clock
START THRESHOLD
RECOMMENDED PACKET SIZE
RECOMMENDED PACKET SIZE
LATENCY TOLERANCE
RBR[1:0]
at ±50ppm
at ±100ppm
1 (4-bits)
2 bits
2400 bytes
1200 bytes
2 (8-bits)
6 bits
7200 bytes
3600 bytes
3 (12-bits)
10 bits
12000 bytes
6000 bytes
0 (16-bits)
14 bits
16800 bytes
8400 bytes
Copyright © 2012–2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
45
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com