Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 13Page - Texas Instruments DP83848MPHPREP Datasheet HTML 14Page - Texas Instruments DP83848MPHPREP Datasheet HTML 15Page - Texas Instruments DP83848MPHPREP Datasheet HTML 16Page - Texas Instruments DP83848MPHPREP Datasheet HTML 17Page - Texas Instruments DP83848MPHPREP Datasheet HTML 18Page - Texas Instruments DP83848MPHPREP Datasheet HTML 19Page - Texas Instruments DP83848MPHPREP Datasheet HTML 20Page - Texas Instruments DP83848MPHPREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
3
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage
-0.5 to 4.2
V
VIN
DC input voltage
-0.5 to VCC + 0.5
V
VOUT
DC output voltage
-0.5 to VCC + 0.5
V
TSTG
Storage temperature
-65 to 150
°C
TJ
Operating junction temperature
-55 to 150
°C
TL
Lead temperature (soldering, 10 seconds)
260
°C
ESD rating (RZAP = 1.5 kΩ, CZAP = 100 pF)
4
kV
3.2
Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
TA
Operating free-air temperature(2)
-55
125
°C
PD
Power dissipation
267
mW
(1)
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply
that the device should be operated at these limits.
(2)
Provided that Thermal Pad is soldered down.
3.3
Thermal Information
DP83848
THERMAL METRIC
PHP
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance(1)
35.74
θJCtop
Junction-to-case (top) thermal resistance(2)
21.8
θJB
Junction-to-board thermal resistance(3)
19.5
°C/W
ψJT
Junction-to-top characterization parameter(4)
1.2
ψJB
Junction-to-board characterization parameter(5)
19.4
θJCbot
Junction-to-case (bottom) thermal resistance(6)
3.2
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2012–2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
17
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com