Electronic Components Datasheet Search
  English  ▼

X  

OPA277 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA277 Datasheet(HTML) 4 Page - Texas Instruments

  OPA277 Datasheet HTML 1Page - Texas Instruments OPA277 Datasheet HTML 2Page - Texas Instruments OPA277 Datasheet HTML 3Page - Texas Instruments OPA277 Datasheet HTML 4Page - Texas Instruments OPA277 Datasheet HTML 5Page - Texas Instruments OPA277 Datasheet HTML 6Page - Texas Instruments OPA277 Datasheet HTML 7Page - Texas Instruments OPA277 Datasheet HTML 8Page - Texas Instruments OPA277 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
t
1
R/W
t
2
t
8
CS
DACA/DACB
t
3
t
t
4
t
6
t
7
t
13
t
12
t
10
t
11
t
5
t
2
DATA
9
DATAVALID
DATAVALID
TIMING REQUIREMENTS: 2.5V to 5.5V
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
TIMING INFORMATION
At tr = tf = 1ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2; VDD = 2.5V to 5.5V, VREF = 10V,
IOUT2 = 0V. All specifications –40°C to +125°C, unless otherwise noted.
DAC7822
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
R/W to CS setup time
0
ns
t2
R/W to CS hold time
0
ns
t3
CS low time (write cycle)
10
ns
t4
Address setup time
10
ns
t5
Address hold time
0
ns
t6
Data setup time
6
ns
t7
Data hold time
0
ns
t8
R/W high to CS low
5
ns
t9
CS minimum high time
7
ns
t10
Address setup time (Read Cycle)
0
ns
t11
Address hold time (Read Cycle)
0
ns
t12
Data access time
5
35
ns
t13
Bus relinquish time
5
10
ns
(1)
Ensured by design; not production tested.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com