Electronic Components Datasheet Search
  English  ▼

X  

OPA277 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA277 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA277 Datasheet HTML 11Page - Texas Instruments OPA277 Datasheet HTML 12Page - Texas Instruments OPA277 Datasheet HTML 13Page - Texas Instruments OPA277 Datasheet HTML 14Page - Texas Instruments OPA277 Datasheet HTML 15Page - Texas Instruments OPA277 Datasheet HTML 16Page - Texas Instruments OPA277 Datasheet HTML 17Page - Texas Instruments OPA277 Datasheet HTML 18Page - Texas Instruments OPA277 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
www.ti.com
Positive Voltage Output Circuit
GND
-2.5V
+2.5VReference
OPA277
0
V
<
OUT
+2.5V
<
V
OUT
V
REF
V
DD
V
IN
OPA277
GND
I
1
OUT
R
FB
V
DD
V
OUT
I
2
OUT
C
1
DAC7822
Bipolar Output Section
V
OUT +
D
0.5
2N
*1
V
REF
(2)
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
Table 2. Suitable High Speed Operational Amplifiers from Texas Instruments (Multiple Channel Options)
SUPPLY
GBW
VOLTAGE
GBW
SLEW
VOS
VOS
CMRR
VOLTAGE
PRODUCT
NOISE
(typ)
RATE
(typ)
(max)
(min)
PACKAGE/
PRODUCT
(V)
(MHz)
nV/
√Hz
(MHz)
(V/
μs)
(
μV)
(
μV)
(dB)
LEAD
DESCRIPTION
Single Channel
Very Low-Power High Speed
SOT5-23,
Rail-To-Rail Input/Output
THS4281
±2.7 to ±15
38
12.5
35
500
3500
500
1000
MSOP-8,
Voltage Feedback
SOIC-8
Operational Amplifier
CDIP-8,
100-MHz Low Noise
THS4031
±4.5 to ±16.5
200
1.6
100
500
3000
3000
8000
MSOP-8,
Voltage-Feedback Amplifier
SOIC-8
SOIC-8,
High Speed FET-Input
THS4631
±4.5 to ±16.5
210
7
900
260
2000
50pA
2
MSOP-8
Operational Amplifier
Wideband, Unity Gain Stable
SOIC-8,
OPA656
±4 to ±6
230
7
290
250
2600
2pA
5pA
FET-Input Operational
SOT5-23
Amplifier
Unity Gain Stable, Low
SOIC-8,
OPA820
±2.5 to ±6
280
2.5
240
200
1200
900
23,000
Noise, Voltage Feedback
SOT5-23
Operational Amplifier
Dual Channel
100-MHz Low Noise
SOIC-8,
THS4032
±4.5 to ±16.5
200
1.6
100
500
3000
3000
8000
Voltage-Feedback Amplifier,
MSOP-8
Dual
SpeedPlus Dual Wideband,
SOIC-8,
OPA2822
±2 to ±6.3
220
2
170
200
1200
9600
12000
Low-Noise Operational
MSOP-8
Amplifier
As Figure 40 illustrates, in order to generate a positive voltage output, a negative reference is input to the
DAC7822. This design is suggested instead of using an inverting amp to invert the output as a result of resistor
tolerance errors. For a negative reference, VOUT and GND of the reference are level-shifted to a virtual ground
and a –2.5V input to the DAC7822 with an op amp.
Figure 40. Positive Voltage Output Circuit
The DAC7822, as a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing. As shown in Figure 41,
external op amp U2 is added as a summing amp and has a gain of 2X that widens the output span to 5V. A
4-quadrant multiplying circuit is implemented by using a 2.5V offset of the reference voltage to bias U2.
According to the circuit transfer equation given in Equation 2, input data (D) from code 0 to full-scale produce
output voltages of VOUT = –2.5V to VOUT = +2.5V.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com