Electronic Components Datasheet Search
  English  ▼

X  

OPA277 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA277 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA277 Datasheet HTML 8Page - Texas Instruments OPA277 Datasheet HTML 9Page - Texas Instruments OPA277 Datasheet HTML 10Page - Texas Instruments OPA277 Datasheet HTML 11Page - Texas Instruments OPA277 Datasheet HTML 12Page - Texas Instruments OPA277 Datasheet HTML 13Page - Texas Instruments OPA277 Datasheet HTML 14Page - Texas Instruments OPA277 Datasheet HTML 15Page - Texas Instruments OPA277 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
Time(50ns/div)
Code2048to2047
DACUpdate
Time(50ns/div)
Code2047to2048
DACUpdate
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
-40
-20
0
20
40
60
80
100
120
Temperature( C)
°
V
=+10V
REF
ChannelB
ChannelA
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-40
-20
0
20
40
60
80
100
120
Temperature( C)
°
V
=+10V
REF
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
TYPICAL CHARACTERISTICS: VDD = +2.5V (continued)
At TA = +25°C, +VDD = +2.5V, unless otherwise noted.
MIDSCALE DAC GLITCH
MIDSCALE DAC GLITCH
Figure 33.
Figure 34.
GAIN ERROR
OUTPUT LEAKAGE
vs TEMPERATURE
vs TEMPERATURE
Figure 35.
Figure 36.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com