Electronic Components Datasheet Search
  English  ▼

X  

OPA277 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA277 Datasheet(HTML) 5 Page - Texas Instruments

  OPA277 Datasheet HTML 1Page - Texas Instruments OPA277 Datasheet HTML 2Page - Texas Instruments OPA277 Datasheet HTML 3Page - Texas Instruments OPA277 Datasheet HTML 4Page - Texas Instruments OPA277 Datasheet HTML 5Page - Texas Instruments OPA277 Datasheet HTML 6Page - Texas Instruments OPA277 Datasheet HTML 7Page - Texas Instruments OPA277 Datasheet HTML 8Page - Texas Instruments OPA277 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
DEVICE INFORMATION
R A
1
R A
2
R
A
2_3
R A
3
V
A
REF
DGND
LDAC
DACA/B
NC
DB11
R B
1
R B
2
R
B
2_3
R B
3
V
B
REF
V
DD
CLR
R/W
CS
DB0
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
DAC7822
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
RTA PACKAGE
QFN-40
(TOP VIEW)
TERMINAL FUNCTIONS
PIN NO.
PIN NAME
DESCRIPTION
DAC A 4-Quadrant Resistors. Allows a number of configuration modes, including bipolar operation with
1-4
R1A, R2A, R2_3A, R3A
minimum of external components.
5, 26
VREFA, VREFB
DAC Reference Voltage Input Terminals.
6
DGND
Digital Ground Pin.
Load DAC Input. Allows asynchronous or synchronous updates to the DAC output. The DAC is asynchronously
7
LDAC
updated when this signal goes low. Alternatively, if this line is held permanently low, an automatic or
synchronous update mode is selected whereby the DAC is updated on the rising edge of CS.
8
DAC A/B
Selects DAC A or B. Low selects DAC A, and high selects DAC B.
9, 34-37
NC
Not internally connected.
10-21
DB11 to DB0
Parallel Data Bits 11 through 0.
Chip Select Input; active low. Used in conjuction with R/W to load parallel data to the input latch or to read data
22
CS
from the DAC register. Edge sensitive; when pulled high, the DAC data is latched.
Read/Write. When low, used in conjunction with CS to load parallel data. When high, used in conjunction with
23
R/W
CS to read back contents of DAC register.
24
CLR
Active Low Control Input. Clears DAC output and input and DAC registers.
25
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5V to 5.5V.
DAC B 4-Quadrant Resistors. Allow a number of configuration modes, including bipolar operation with a
27-30
R3B, R2_3B, R2B, R1B
minimum of external components.
31, 40
RFBB, RFBA
External Amplifier Output.
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but can be biased
32
IOUT2B
to achieve single-supply operation.
33
IOUT1B
DAC B Current Output.
38
IOUT1A
DAC A Current Output.
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but can be biased
39
IOUT2A
to achieve single-supply operation.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com