Electronic Components Datasheet Search
  English  ▼

X  

AD1981A Datasheet(PDF) 5 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 5 Page - Analog Devices

  AD1981A Datasheet HTML 1Page - Analog Devices AD1981A Datasheet HTML 2Page - Analog Devices AD1981A Datasheet HTML 3Page - Analog Devices AD1981A Datasheet HTML 4Page - Analog Devices AD1981A Datasheet HTML 5Page - Analog Devices AD1981A Datasheet HTML 6Page - Analog Devices AD1981A Datasheet HTML 7Page - Analog Devices AD1981A Datasheet HTML 8Page - Analog Devices AD1981A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD1981A
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1981A features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*
AD1981AJST
0
°C to 70°C
48-Lead LQFP
ST-48
*ST = Thin Quad Flatpack
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted.)
Power Supplies
Digital (DVDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.6 V
Analog (AVDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.0 V
Input Current (except Supply Pins) . . . . . . . . . . . . . . .
±10 mA
Signals Pins
Digital Input Voltage . . . . . . . . . . . . . –0.3 V to DVDD +0.3 V
Analog Input Voltage . . . . . . . . . . . . –0.3 V to AVDD +0.3 V
Ambient Temperature Range (Operating) . . . . . . . 0
°C to 70°C
Ambient Temperature Rating (TQFP Package)
TAMB = TCASE – ( PD
CA )
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
JA Thermal Resistance (Junction-to-Ambient) . . . 76.2
°C/W
JC Thermal Resistance (Junction-to-Case) . . . . . . .
17
°C/W
JA Thermal Resistance (Case-to-Ambient) . . . . .
52.2
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com