Electronic Components Datasheet Search
  English  ▼

X  

AD1981A Datasheet(PDF) 15 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1981A Datasheet HTML 11Page - Analog Devices AD1981A Datasheet HTML 12Page - Analog Devices AD1981A Datasheet HTML 13Page - Analog Devices AD1981A Datasheet HTML 14Page - Analog Devices AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices AD1981A Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. 0
AD1981A
–15–
VRA
Variable Rate PCM Audio Support: (read-only) This bit returns a “1” when read to indicate that variable rate
PCM audio is supported.
SPDIF
SPDIF Support: (read-only) This bit returns a “1” when read to indicate that SPDIF transmitter is supported (IEC958).
DSA[1:0]
DAC Slot Assignments: (read/write) (reset default = 00)
00 DACs 1, 2 = 3 and 4
01 DACs 1, 2 = 7 and 8
10 DACs 1, 2 = 6 and 9
11 DACs 1, 2 = 10 and 11
AMAP
Slot DAC mappings based on Codec ID: (read only)
This bit returns a “1” when read to indicate that slot/DAC mappings based on Codec ID is supported.
REV[1:0]
REV[1, 0] = 01 indicates Codec is AC ’97 revision 2.2-compliant (read-only).
ID[1:0]
Indicates Codec Configuration: (read-only)
00 = Primary
01, 10, 11 = Secondary
Extended Audio Status and Control Register (Index 2Ah)
*The extended audio status and control register is a read/write register that provides status and control of the extended audio features.
VRA
Variable Rate Audio: (read/write)
VRA = 0, sets fixed sample rate audio at 48 KHz (reset default).
VRA = 1, enables variable rate audio mode (enables sample rate registers and SLOTREQ signaling).
SPDIF
SPDIF Transmitter Subsystem Enable/Disable Bit: (read/write)
SPDIF = 1 enables the SPDIF transmitter.
SPDIF = 0 disables the SPDIF transmitter (default).
This bit is also used to validate that the SPDIF transmitter output is actually enabled. The SPDIF bit is only allowed
to be set high if the SPDIF pin (48) is pulled down at power-up enabling the Codec transmitter logic. If the
SPDIF pin is floating or pulled high at power-up, the transmitter logic is disabled and this bit therefore returns a low,
indicating that the SPDIF transmitter is not available. This bit must always be read back to verify that the SPDIF
transmitter is actually enabled.
SPSA[1:0]
SPDIF Slot Assignment Bits: (read/write) These bits control the SPDIF slot assignment and respective defaults,
depending on the Codec ID configuration.
SPCV
SPDIF Configuration Valid: (read-only) Indicates the status of the SPDIF transmitter subsystem, enabling the
driver to determine if the currently programmed SPDIF configuration is supported. SPCV is always valid, independent
of the SPDIF-enable bit status.
SPCV = 0 indicates current SPDIF configuration {SPSA, SPSR, DAC slot rate, DRS} is not valid (not supported).
SPCV = 1 indicates current SPDIF configuration {SPSA, SPSR, DAC slot rate, DRS} is valid (supported).
VFORCE
Validity Force Bit: (reset default = 0)
When asserted, this bit forces the SPDIF stream “Validity” flag (Bit 28 within each SPDIF L/R subframe) to be
controlled by the “V” bit (D15) in Register 3Ah (SPDIF control register).
VFORCE = 0 and “V” = 0; The “Validity” bit is managed by the Codec error detection logic.
VFORCE = 0 and “V” = 1; The “Validity” bit is forced high, indicating subframe data is invalid.
VFORCE = 1 and “V” = 0; The “Validity” bit is forced low, indicating subframe data is valid.
VFORCE = 1 and “V” = 1; The “Validity” bit is forced high, indicating subframe data is invalid.
Reg Num Name
D15
D14 D13 D12 D11
D10 D9 D8 D7 D6
D5
D4
D3
D2
D1 D0
Default
2Ah
Ext’d Audio Stat/Ctrl VFORCE
XXXX
SPCV XXXX SPSA1 SPSA0 X SPDIF X VRA
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com