Electronic Components Datasheet Search
  English  ▼

X  

AD1981A Datasheet(PDF) 16 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1981A Datasheet HTML 12Page - Analog Devices AD1981A Datasheet HTML 13Page - Analog Devices AD1981A Datasheet HTML 14Page - Analog Devices AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices AD1981A Datasheet HTML 19Page - Analog Devices AD1981A Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
AD1981A
–16–
AC ’97 2.2 AMAP-Compliant Default SPDIF Slot Assignments
CODEC ID
Function
SPSA = 00
SPSA = 01
SPSA = 10
SPSA = 11
00
2-Ch Primary w/SPDIF
3 and 4
7 and 8 [default]
6 and 9
10 and 11
00
4-Ch Primary w/SPDIF
3 and 4
7 and 8
6 and 9 [default]
10 and 11
00
6-Ch Primary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 [default]
01
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9 [default]
01
+4-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 [default]
10
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9 [default]
10
+4-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 [default]
11
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 [default]
PCM Front DAC Rate Register (Index 2Ch)
*This read/write sample rate control register contains 16-bit unsigned value, representing the rate of operation in Hz.
SR[15:0]
Sample Rate: The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments. If “0”
is written to VRA, then the sample rate is reset to 48k.
PCM ADC Rate Register (Index 32h)
Reg Num Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 Default
32h
PCM L/R ADC Rate SR15 SR14 SR13 SR12 SR11 SR10 SR9 SR8 SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0 BB80h
This read/write sample rate control register contains 16-bit unsigned value, representing the rate of operation in Hz.
SR[15:0]
Sample Rate: The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments.
If “0” is written to VRA, then the sample rate is reset to 48k.
SPDIF Control Register (Index 3Ah)
Reg. Num. Name
D15 D14
D13
D12
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
3Ah
SPDIF Control
V
X SPSR1 SPSR0
L
CC6 CC5 CC4 CC3 CC2 CC1 CC0 PRE COPY /AUD PRO 2000h
*Register 3Ah is a read/write register that controls SPDIF functionality and manages bit fields propagated as channel status (or subframe in the V case).
With the exception of V, this register should only be written to when the SPDIF transmitter is disabled (SPDIF bit in Register 2Ah is “0”). This
ensures that control and status information start up correctly at the beginning of SPDIF transmission.
PRO
Professional: “1” indicates professional use of channel status, “0” indicates consumer.
/AUD
Non-Audio: “1” indicates data is non-PCM format, “0” data is PCM.
COPY
Copyright: “1” indicates copyright is asserted, “0” copyright is not asserted.
PRE
Pre-Emphasis: “1” indicates filter pre-emphasis is 50/15 msec, “0” pre-emphasis is none.
CC[6:0]
Category Code: Programmed according to IEC standards, or as appropriate.
L
Generation Level: Programmed according to IEC standards, or as appropriate.
SPSR[1:0]
SPDIF Transmit Sample Rate:
SPSR[1:0] = “00” Transmit Sample Rate = 44.1 kHz
SPSR[1:0] = “01” Reserved
SPSR[1:0] = “10” Transmit Sample Rate = 48 kHz (Reset Default)
SPSR[1:0] = “11” Not Supported
V
Validity: This bit affects the “Validity” flag (Bit 28 transmitted in each SPDIF L/R subframe) and enables the
SPDIF transmitter to maintain connection during error or mute conditions.
V = 1 Each SPDIF subframe (L + R) has Bit 28 set to “1.” This tags both samples as invalid.
V = 0 Each SPDIF subframe (L + R) has Bit 28 set to “0” for valid data and “1” for invalid data (error condition).
Note that when V = 0, asserting the VFORCE bit (D15) in Register 2Ah (Ext’d Audio Stat/Ctrl) will force the
“Validity” flag low, marking both samples as valid.
Reg Num Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 Default
2Ch
PCM Front DAC Rate SR15 SR14 SR13 SR12 SR11 SR10 SR9 SR8 SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0 BB80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com