Electronic Components Datasheet Search
  English  ▼

X  

AD1981A Datasheet(PDF) 20 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices AD1981A Datasheet HTML 19Page - Analog Devices AD1981A Datasheet HTML 20Page - Analog Devices AD1981A Datasheet HTML 21Page - Analog Devices AD1981A Datasheet HTML 22Page - Analog Devices AD1981A Datasheet HTML 23Page - Analog Devices AD1981A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
AD1981A
–20–
Table I. Jack Sense Mute Table – JSMT [2:0]
REF JS1
JS0
JSMT2
JSMT1
JSMT0
H.P.
LINE
MONO
NOTES
HEADPHONE
LINE OUT
OUT
OUT
OUT
0 OUT (0)
OUT (0)
0
0
0 ACTIVE ACTIVE ACTIVE JS0 and JS1
1 OUT (0)
IN
(1)
0
0
0 ACTIVE ACTIVE ACTIVE Ignored
2 IN
(1)
OUT (0)
0
0
0 ACTIVE ACTIVE ACTIVE
3 IN
(1)
IN
(1)
0
0
0 ACTIVE ACTIVE ACTIVE
4 OUT (0)
OUT (0)
0
0
1 FMUTE FMUTE ACTIVE JS0 no mute action,
5 OUT (0)
IN
(1)
0
0
1 FMUTE ACTIVE ACTIVE JS1 mutes Line_out
6 IN
(1)
OUT (0)
0
0
1 ACTIVE FMUTE ACTIVE
7 IN
(1)
IN
(1)
0
0
1 ACTIVE FMUTE ACTIVE
8 OUT (0)
OUT (0)
0
1
0 FMUTE FMUTE ACTIVE JS0 no mute action,
9 OUT (0)
IN
(1)
0
1
0 FMUTE ACTIVE ACTIVE JS1 mutes Mono and
10 IN
(1)
OUT (0)
0
1
0 ACTIVE FMUTE FMUTE Line_out
11 IN
(1)
IN
(1)
0
1
0 ACTIVE FMUTE FMUTE
12 OUT (0)
OUT (0)
0
1
1 **
**
**
**
RESERVED
13 OUT (0)
IN
(1)
0
1
1 **
**
**
14 IN
(1)
OUT (0)
0
1
1 **
**
**
15 IN
(1)
IN
(1)
0
1
1 **
**
**
16 OUT (0)
OUT (0)
1
0
0 FMUTE FMUTE ACTIVE JS0 mutes Mono,
17 OUT (0)
IN
(1)
1
0
0 FMUTE ACTIVE FMUTE JS1 no mute action
18 IN
(1)
OUT (0)
1
0
0 ACTIVE FMUTE ACTIVE
19 IN
(1)
IN
(1)
1
0
0 ACTIVE ACTIVE FMUTE
20 OUT (0)
OUT (0)
1
0
1 FMUTE FMUTE ACTIVE JS0 mutes Mono,
21 OUT (0)
IN
(1)
1
0
1 FMUTE ACTIVE FMUTE JS1 mutes Line_out
22 IN
(1)
OUT (0)
1
0
1 ACTIVE FMUTE ACTIVE
23 IN
(1)
IN
(1)
1
0
1 ACTIVE FMUTE FMUTE
24 OUT (0)
OUT (0)
1
1
0 FMUTE FMUTE ACTIVE JS0 mutes Mono,
25 OUT (0)
IN
(1)
1
1
0 FMUTE ACTIVE FMUTE JS1 mutes Mono and
26 IN
(1)
OUT (0)
1
1
0 ACTIVE FMUTE FMUTE Line_out
27 IN
(1)
IN
(1)
1
1
0 ACTIVE FMUTE FMUTE
28 OUT (0)
OUT (0)
1
1
1 **
**
**
**
RESERVED
29 OUT (0)
IN
(1)
1
1
1 **
**
**
30 IN
(1)
OUT (0)
1
1
1 **
**
**
31 IN
(1)
IN
(1)
1
1
1 **
**
**
FMUTE = Output is forced to mute independent of the respective volume register setting.
ACTIVE = Output is not muted and its status is dependent on the respective volume register setting.
OUT = Nothing plugged into the jack and, therefore, the JS status is low (via the load resistor pull-down).
IN = Jack has plug inserted and therefore the JS status is high (via the CODEC JS internal pull-up).
Serial Configuration (Index 74h)
This register is not reset when the reset register (Register 00h) is written.
SPLNK
SPDIF LINK: This bit enables the SPDIF to link with the DAC for data requesting.
0 = SPDIF and DAC are not linked.
1 = SPDIF and DAC are linked and receive same data requests (reset default).
SPDZ
SPDIF DACZ:
0 = Repeat last sample out the SPDIF stream if FIFO underruns (reset default).
1 = Forces “midscale” sample out the SPDIF stream if FIFO underruns.
SPAL
SPDIF ADC Loop Around:
0 = SPDIF transmitter is connected to the AC-LINK stream (reset default).
1 = SPDIF transmitter is connected to the digital ADC stream, not the AC-LINK.
INTS
INTERRUPT MODE SELECT: This bits selects the JS interrupt implementation path.
0 = Bit 0 SLOT 12 (Modem Interrupt)
1 = Slot 6 Valid Bit (MIC ADC Interrupt)
CHEN
Chain Enable:
This bit enables chaining of a slave CODEC SDATA_IN stream into the ID0 Pin (45).
0 = Disable Chaining (Reset Default)
1 = Enable Chaining into ID0 Pin
Reg Num Name
D15
D14
D13
D12
D11 D10 D9
D8
D7 D6 D5
D4
D3
D2
D1
D0
Default
74h
Serial Configuration SLOT16 REGM2 REGM1 REGM0
X
X
X CHEN X
X
X INTS X SPAL SPDZ SPLNK 7001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com