Electronic Components Datasheet Search
  English  ▼

X  

AD1981A Datasheet(PDF) 14 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1981A Datasheet HTML 10Page - Analog Devices AD1981A Datasheet HTML 11Page - Analog Devices AD1981A Datasheet HTML 12Page - Analog Devices AD1981A Datasheet HTML 13Page - Analog Devices AD1981A Datasheet HTML 14Page - Analog Devices AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. 0
AD1981A
–14–
Power-Down Control/Status Register (Index 26h)
NOTES
The ready bits are read only; writing to REF, ANL, DAC, ADC will have no effect. These bits indicate the status for the AD1981A subsections.
If the bit is a “1” then that subsection is “ready.” Ready is defined as the subsection able to perform in its nominal state.
ADC
ADC sections ready to transmit data
DAC
DAC sections ready to accept data
ANL
Analog amplifiers, attenuators, and mixers ready
REF
Voltage references, VREF and VREFOUT up to nominal level
PR[6:0]
CODEC Power-Down Modes. The first 3 bits are to be used individually rather than in combination with each
other. PR3 can be used in combination with PR2 or by itself. The mixer and reference cannot be powered down
via PR3 unless the ADCs and DACs are also powered down.
Nothing else can be powered up until the reference is up. PR5 has no effect unless all ADCs, DACs, and the AC Link
are powered down. The reference and mixer can be either up or down, but all power-up sequences must be allowed
to run to completion before PR5 and PR4 are both set.
In multiple-codec systems, the master CODEC’s PR5 and PR4 bits control the slave CODEC. PR5 is also effective
in the slave CODEC if the master’s PR5 bit is clear, but the PR4 bit has no effect except to enable or disable PR5.
EAPD
External Audio Power-Down Control: Controls the state of the EAPD Pin
EAPD = 0 sets the EAPD Pin low, enabling an external power amplifier (reset default).
EAPD = 1 sets the EAPD Pin high, shutting the external power amplifier off.
Power-Down State
Set Bits
ADCs and Input Mux Power-Down
PR0
DACs Power-Down
PR1
Analog Mixer Power-Down (VREF and VREFOUT on)
PR1, PR2
Analog Mixer Power-Down (VREF and VREFOUT off)
PR0, PR1, PR3
AC-Link Interface Power-Down
PR4
Internal Clocks Disabled
PR0, PR1, PR4, PR5
ADC and DAC Power Down
PR0, PR1
VREF Standby Mode
PR0, PR1, PR2, PR4, PR5
Total Power-Down
PR0, PR1, PR2, PR3, PR4, PR5
Headphone Amp Power in Standby
PR6
Extended Audio ID Register (Index 28h)
REG NAME
D15 D14 D13 D12
D11
D10
D9
D8 D7 D6
D5
D4
D3
D2
D1
D0 Default
28h
Ext’d Audio ID
ID1 ID0
X
X
REV1 REV0 AMAP X
X
X
DSA1 DSA0 X
SPDIF X
VRA X605h
The extended audio ID register identifies which extended audio features are supported. A non-zero extended audio ID value indicates one or
more of the extended audio features are supported.
Reg Num Name
D15
D14 D13 D12 D11 D10 D9
D8 D7 D6 D5 D4
D3
D2
D1
D0
Default
26h
Power-Down Cntrl/Stat
EAPD PR6 PR5 PR4 PR3 PR2 PR1 PR0 XXXX REF ANL DAC ADC 000Xh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com