Electronic Components Datasheet Search
  English  ▼

X  

AD1985JST Datasheet(PDF) 38 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 38 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 34Page - Analog Devices AD1985JST Datasheet HTML 35Page - Analog Devices AD1985JST Datasheet HTML 36Page - Analog Devices AD1985JST Datasheet HTML 37Page - Analog Devices AD1985JST Datasheet HTML 38Page - Analog Devices AD1985JST Datasheet HTML 39Page - Analog Devices AD1985JST Datasheet HTML 40Page - Analog Devices AD1985JST Datasheet HTML 41Page - Analog Devices AD1985JST Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD1985
Rev. A | Page 38 of 48
Serial Configuration (Index 0x74)
Reg
Num
Name
D15
D14
D13
D12
D11
D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x74
Serial
Config.
SLOT16 REGM2 REGM1 REGM0 REGM3 DRF OMS CHEN SPOVR LBKS1 LBKS0 INTS CSWP SPAL SPDZ SPLNK 0x1001
Note: This register will only reset bits CSWP (D3), LBKS[1:0] (D[6:5]), and OMS (D9) when Register 0x00 is written to (soft reset). All bits are reset on a hard or hardware
reset.
SPLNK
SPDIF Link. This bit enables the SPDIF to link with the front DACs for data requesting.
0: SPDIF and front DACs are not linked.
1: SPDIF and front DACs are linked and receive same data requests. (Reset default.)
SPDZ
SPDIF DACZ.
0: Repeat last sample out the SPDIF stream if FIFO underruns. (Reset default.)
1: Forces midscale sample out the SPDIF stream if FIFO underruns.
SPAL
SPDIF ADC Loop-Around.
0: SPDIF transmitter is connected to the AC Link stream. (Reset default.)
1: SPDIF transmitter is connected to the digital ADC stream, not the AC Link.
CSWP
Swap the Center/LFE Channels. Some systems have a swapped external connection for the center and LFE Channels.
Setting this bit will swap these channels internal to the codec. Setting this bit also swaps the definitions of the center/LFE
volume controls in Register 0x36.
INTS
Interrupt Mode Select. This bit selects the audio interrupt implementation path.
0: Slot 12, Bit 0 (modem interrupt) (reset default).
1: Slot 6, Valid Bit (MIC ADC interrupt).
Note: This bit does not generate an interrupt. Rather, it steers the path of the generated interrupt.
LBKS[1:0]
Loop-Back Selection. These bits select the internal digital loop-back path when the LPBK bit is active (see Register 0x20).
00: Loop back through the front DACs. (Reset default.)
01: Loop back through the surround DACs.
11: Loop back through the center and LFE DACs. (Center DAC loops back from the ADC left channel, the LFE DAC from the
ADC right channel.)
10: Reserved.
SPOVR
SPDIF Override.
0: SPDIF Transmitter is enabled only if the SPDIF pin is pulled low on reset. (Reset default.)
1: SPDIF Transmitter is enabled regardless of the SPDIF pin configuration.
CHEN
Chain Enable. This bit enables chaining of a slave codec SDATA_IN stream into the ID0 pin (Pin 45).
0: Disable chaining. (Reset default.)
1: Enable chaining into ID0 pin.
OMS
Output Microphone Select. This bit will switch the microphone inputs between the MIC1/MIC2 pins and the Center/LFE
pins. This feature is used for those systems that have input/output jack sharing.
Note: See the charts describing the microphone inputs—the description of MS (Bit D8, Register 0x20) and the record
select control register (0x1A).
0: Microphone inputs come from MIC1 and MIC2 pins. Center/LFE outputs behave as expected (default).
1: Microphone inputs now come from the Center/LFE pins. The codec will place the Center/LFE outputs into a High-Z
state—equivalent to setting CLDIS (Bit D11, Register 0x76). Setting the OMS bit, however, will not overwrite the CLDIS;
Center/LFE outputs respond equally to both bits.
DRF
DAC Request Force: This allows the AD1985 to synchronize DAC requests with the AD1981A/ AD1981B.
0: Normal DAC requesting sequence. (Reset default.)
1: Synchronize to AD1981A/B DAC requests.
REGM3
Slave 3 Codec Register Mask.
REGM0
Master Codec Register Mask. (Reset default.)
REGM1
Slave 1 Codec Register Mask.
REGM2
Slave 2 Codec Register Mask.
SLOT16
Enable 16-Bit Slot Mode. SLOT16 makes all AC Link slots 16 bits in length, formatted into 16 slots. This is a preferred mode
for DSP serial port interfacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com