Electronic Components Datasheet Search
  English  ▼

X  

AD1985JST Datasheet(PDF) 26 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 22Page - Analog Devices AD1985JST Datasheet HTML 23Page - Analog Devices AD1985JST Datasheet HTML 24Page - Analog Devices AD1985JST Datasheet HTML 25Page - Analog Devices AD1985JST Datasheet HTML 26Page - Analog Devices AD1985JST Datasheet HTML 27Page - Analog Devices AD1985JST Datasheet HTML 28Page - Analog Devices AD1985JST Datasheet HTML 29Page - Analog Devices AD1985JST Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AD1985
Rev. A | Page 26 of 48
Power-Down Control/Status Register (Index 0x26)
Reg Num
Name
D15
D14 D13 D12 D11 D10 D9
D8
D7 D6 D5 D4 D3
D2
D1
D0
Default
0x26
Power-Down Ctrl/Stat
EAPD PR6
PR5
PR4 PR3 PR2 PR1 PR0 X
X
X
X
REF ANL DAC ADC N/A
Note that the ready bits are read-only; writing to REF, ANL, DAC, and ADC will have no effect. These bits indicate the status for the AD1985 subsections. If the bit is a 1,
then that subsection is ready. Ready is defined as the subsection able to perform in its nominal state.
ADC
ADC Sections Ready to Transmit Data.
DAC
DAC Sections Ready to Accept Data.
ANL
Analog Amplifiers, Attenuators, and Mixers Ready.
REF
Voltage References, VREF and VREFOUT, Up to Nominal Level.
PR[6:0]
Codec Power-Down Modes. Some bits can be used individually, while others are used in combination.
PR0
ADCs and Input Mux Power-Down. Default setting is 0.
Clearing this bit will enable VREF, regardless of the state of PR3.
PR1
DACs Power-Down. Also powers down the EQ circuitry. Default setting is 0.
Clearing this bit will enable VREF, regardless of the state of PR3.
PR2
Mixer Power-Down. Default setting is 0.
PR3
Power Down VREF and VREFOUT. Default setting is 0.
May be used in combination with PR2 or by itself. If all the ADCs and DACs are not powered down, setting this bit will have no
effect on the VREF, and it will only power down VREFOUT.
PR4
AC Link Interface Power-Down. Default setting is 0. The reference and the mixer can be either up or down, but all power-up
sequences must be allowed to run to completion before PR5 and PR4 are both set.
In multiple-codec systems, the master codec’s PR4 bit controls the slave codec. In the slave codec, the PR4 bit has no effect,
except to enable or disable PR5.
PR5
Internal Clocks Disabled. Default setting is 0.
PR5 has no effect, unless all ADCs, DACs, and the AC link are powered down, e.g., PR0, PR1, PR4. The reference and the mixer can
be either up or down, but all power-up sequences must be allowed to run to completion before PR5 and PR4 are both set. In
multiple codec systems, the master codec’s PR5 controls the slave codec. PR5 is effective in the slave codec if the master's PR5 bit
is clear.
PR6
Powers Down the Headphone Amplifiers. Default setting is 0.
EAPD
External Audio Power-Down Control. Controls the state of the EAPD pin.
EAPD = 0 sets the EAPD pin low, enabling an external power amplifier. (Reset default.)
EAPD = 1 sets the EAPD pin high, shutting the external power amplifier off.
NORMAL
ADCs OFF
PR0
DACs OFF
PR1
ANALOG
OFF
PR2 OR
PR3
DIGITAL I/F
OFF
PR4
SHUT OFF
AC-LINK
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
DEFAULT
PR0 = 0
AND
ADC = 1
PR1 = 0
AND
DAC = 1
PR2 = 0
AND
ANL = 1
WARM
RESET
COLD
RESET
READY = 1
Figure 11. Example of AC ’97 Power-Down/Power-Up Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com