Electronic Components Datasheet Search
  English  ▼

X  

AD1985JST Datasheet(PDF) 44 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 44 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 40Page - Analog Devices AD1985JST Datasheet HTML 41Page - Analog Devices AD1985JST Datasheet HTML 42Page - Analog Devices AD1985JST Datasheet HTML 43Page - Analog Devices AD1985JST Datasheet HTML 44Page - Analog Devices AD1985JST Datasheet HTML 45Page - Analog Devices AD1985JST Datasheet HTML 46Page - Analog Devices AD1985JST Datasheet HTML 47Page - Analog Devices AD1985JST Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD1985
Rev. A | Page 44 of 48
Information and I/O Register (Index 0x68, Page 01)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4 D3 D2 D1 D0 Default
0x68
Function Information
G4
G3
G21
G1
G0
INV
DL4 DL3 DL2 DL1 DL0 IV
X
X
X
FIP N/A
New register added for AC ’97 2.3.
Data read back from this register is invalid unless a function is first specified in Register 0x66, page 01.
Gain Bits. (Read/write.)
The codec updates these bits with the gain value (dB relative to level out) in 1.5 dBV increments, not including the volume
control gains. For example, if the volume gain is 0 dB, then the output pin should be 0 dB level. Any difference is the gain
reflected here. When relevant, the BIOS further updates these bits to take into consideration external amplifiers or other
external logic that it knows about. G[3:0] indicates the magnitude of the gain. G[4] indicates whether the value is a gain or
attenuation—essentially a sign bit.
G[4:0]
Gain or Attenuation (dB Relative to Level Out)
0 0000
0 dBV
0 0001
1.5 dBV
0 1111
24 dBV
1 0001
–1.5 dBV
G[4:0]
1 1111
–24 dBV
Inversion Bit. (Read/write.) Indicates that the codec presents a 180° phase shift to the signal.
0: No inversion reported.
INV
1: Inverted.
Buffer Delays (read/write) The default value is the delay internal to the codec. The BIOS may add to this value the known
delays external to the codec, such as for an external amplifier, logic, etc.
The codec provides a number representing a delay measurement for the input and output channels. Software will use this
value to accurately calculate the audio stream position with respect to what has been reproduced or recorded. These values
are in 20.83 µs (1/48000 second) units.
For output channels, this timing is from the end of the AC link frame in which the sample is provided, until the time the
analog signal appears at the output pin. For input streams, this is from when the analog signal is presented at the pin until the
representative sample is provided on the AC link. Analog-to-analog paths are not considered in this measurement. The
measurement is a typical measurement, at a 48 kHz sample rate, with minimal in-codec processing.
0x00: Information not provided.
0x01 to 0x1E: Buffer delay in 20.83 µs units.
DL[4:0]
0x1F: Reserved.
IV
Information Valid Bit. Indicates whether a sensing method is provided by the codec and if information field is valid. This field
is updated by the codec.
0: (A) After codec reset de-assertion, it indicates the codec does not provide sensing logic and this bit will be read-only.
(B) After a sense cycle is completed, indicates that no information is provided on the sensing method.
1: (A) After codec reset de-assertion, it indicates the codec provides sensing logic for this I/O and this bit is read/write.
(B) After clearing this bit by writing 1, when a sense cycle is completed, indicates that there is valid information in the
remaining descriptor bits. Writing 0 to this bit has no effect.
FIP
Function Information Present. (Read-only.)
1: The G[4:0], INV, and DL[4:0] (in Register 0x68) bits and the ST[2:0] (in Register 0x6A) bits are supported and are read/write
capable.
0: The G[4:0], INV, DL[4:0], and ST[2:0] bits are not supported and are read-only with a value of 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com