Electronic Components Datasheet Search
  English  ▼

X  

AD1985JST Datasheet(PDF) 11 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 7Page - Analog Devices AD1985JST Datasheet HTML 8Page - Analog Devices AD1985JST Datasheet HTML 9Page - Analog Devices AD1985JST Datasheet HTML 10Page - Analog Devices AD1985JST Datasheet HTML 11Page - Analog Devices AD1985JST Datasheet HTML 12Page - Analog Devices AD1985JST Datasheet HTML 13Page - Analog Devices AD1985JST Datasheet HTML 14Page - Analog Devices AD1985JST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AD1985
Rev. A | Page 11 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
DVDD1
XTL_IN
XTL_OUT
DVSS1
SDATA_OUT
BIT_CLK
DVSS2
SDATA_IN
DVDD2
SYNC
RESET
JS3
LINE_OUT_R (FRONT)/SURR_R
LINE_OUT_L (FRONT)/SURR_L
AVDD4
JS2
LFE_OUT
CENTER_OUT
AFILT2
AFILT1
VREFOUT
VREF
AVSS1
AVDD1
48 47 46 45 44
39 38 37
43 42 41 40
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD1985
Figure 10. 48-Lead LQFP Pin Configuration
Circuit Layout Note: In normal operation, Surround and Line Out are swapped to provide headphone drive on line outputs. Therefore, Pins 35 and 36 become the
surround L/R outputs and Pins 39 and 41 become the Line Out (Front) L/R outputs with headphone drive. See Bits LOSEL and HPSEL in Register 0x76 for details.
PIN FUNCTION DESCRIPTIONS
Table 17. Digital I/O
Mnemonic
Pin No.
I/O
Description
XTL_IN
2
I
Crystal Input (24.576 MHz) or External Clock In (24.576 MHz, 14.31818 MHz, or 48.000 MHz).
XTL_OUT
3
O
Crystal Output.
SDATA_OUT
5
I
AC Link Serial Data Output. AD1985 input stream.
BIT_CLK
6
O/I
AC Link Bit Clock. 12.288 MHz serial data clock. (Input pin, for secondary mode only.)
SDATA_IN
8
O
AC Link Serial Data Input. AD1985 output stream.
SYNC
10
I
AC Link Frame Sync.
RESET
11
I
AC Link Reset. AD1985 master hardware reset.
SPDIF
48
O
SPDIF Output.
Table 18. Chip Selects/Clock Strapping
Mnemonic
Pin No.
I/O
Description
ID0
45
I
Chip Select Input 0 (Active Low).
This pin can also be used as the chain input from a secondary codec.
ID1
46
I
Chip Select Input 1 (Active Low).
Table 19. Jack Sense/EAPD
Mnemonic
Pin No.
Type
Description
EAPD
47
O
EAPD Output.
JS0
17
I
JACK SENSE 0 Input.
JS1
16
I
JACK SENSE 1 Input.
JS2
33
I
JACK SENSE 2 Input.
JS3
12
I
JACK SENSE 3 Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com