Electronic Components Datasheet Search
  English  ▼

X  

AD1985JST Datasheet(PDF) 25 Page - Analog Devices

Part # AD1985JST
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985JST Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1985JST Datasheet HTML 21Page - Analog Devices AD1985JST Datasheet HTML 22Page - Analog Devices AD1985JST Datasheet HTML 23Page - Analog Devices AD1985JST Datasheet HTML 24Page - Analog Devices AD1985JST Datasheet HTML 25Page - Analog Devices AD1985JST Datasheet HTML 26Page - Analog Devices AD1985JST Datasheet HTML 27Page - Analog Devices AD1985JST Datasheet HTML 28Page - Analog Devices AD1985JST Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
AD1985
Rev. A | Page 25 of 48
Audio Interrupt and Paging Mechanism Register (Index 0x24)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3
D2
D1
D0
Default
0x24
Audio Int. and Paging
I4
I3
I2
I1
I0
X
X
X
X
X
X
X
PG3 PG2 PG1 PG0 0xXXXX
Note that this register controls the audio interrupt and register paging mechanisms.
I4
Interrupt Status (Read/Write), Default Is 0.
0: Interrupt is clear.
1: Interrupt was generated.
Interrupt event is cleared by writing a 1 to this bit. The interrupt status bit will change regardless of the setting of interrupt enable
(I0). An interrupt in the GPI in Slot 12 in the AC link will follow this bit change when interrupt enable (I0) is unmasked. If this bit is
set, one or both of I3 or I2 must be set to indicate the interrupt cause.
I[3:2]
Interrupt Cause (Read-Only), Default Is 0.
I[2] = 0: Sense status has not changed (did not cause interrupt).
I[2] = 1: Sense cycle completed or new sense information is available.
I[3] = 0: GPIO status change did not cause interrupt (default)
I[3] = 1: GPIO status change caused interrupt.
These bits will indicate the cause(s) of an interrupt. This information should be used to service the correct interrupting event(s). If
the interrupt status bit (I4) is set, one or both of these bits must be set to indicate the interrupt cause.
Hardware resets these bits back to 0 when the interrupt status bit is cleared.
I1
Sense Cycle (Read/Write), Default Is 0.
0: Sense cycle not in progress.
1: Sense cycle start.
Writing a 1 to this bit causes a sense cycle start if supported.
If a sense cycle is in progress, writing a 0 to this bit will abort the sense cycle. The data in the sense result register (0x6A, Page 1)
may or may not be valid, as determined by the IV bit in that register.
I0
Interrupt Enable (Read/Write), Default Is 0.
0: Interrupt generation is masked.
1: Interrupt generation is unmasked.
Software should not unmask the interrupt unless the AC ’97 controller ensures that no conflict is possible with modem Slot 12—
GPI functionality. AC ’97 2.2 compliant controllers will not likely support audio codec interrupt infrastructure. In that case, software
can poll the interrupt status after initiating a sense cycle and waiting for the Sense Cycle Maximum Delay (which is defined by the
software) to determine if an interrupting event has occurred.
X
Reserved.
PG[3:0]
Page Selector (Read/Write), Default Is 0x0.
0: Vendor Specific.
0x1: Page ID 01, registers defined in AC’97, Rev. 2.3.
0x2 to 0xF: Reserved Pages.
This register is used to select a descriptor of 16-word pages between Registers 0x60 and 0x6F. A value of 0x0 is used to select
vendor specific space to maintain compatibility with AC ’97 2.2 vendor specific registers.
System software can determine implemented pages by writing the page number and reading the value back. If the value read
back does not match the value written, the page is not implemented.
All implemented pages must be in consecutive order, i.e., Page 0x2 cannot be implemented without Page 0x1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com