Electronic Components Datasheet Search
  English  ▼

X  

AD5641 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5641
Description  2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641 Datasheet(HTML) 1 Page - Analog Devices

  AD5641 Datasheet HTML 1Page - Analog Devices AD5641 Datasheet HTML 2Page - Analog Devices AD5641 Datasheet HTML 3Page - Analog Devices AD5641 Datasheet HTML 4Page - Analog Devices AD5641 Datasheet HTML 5Page - Analog Devices AD5641 Datasheet HTML 6Page - Analog Devices AD5641 Datasheet HTML 7Page - Analog Devices AD5641 Datasheet HTML 8Page - Analog Devices AD5641 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2.7 V to 5.5 V, <100 µA, 14-Bit
nanoDAC™ D/A in SC70 Package
Preliminary Technical Data
AD5641
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
6-lead SC70 package
Power-down to <100 nA @ 3 V
Single 14-bit DAC:
B Version: ±4 LSB INL
A Version: ±8 LSB INL
Micropower operation: max 100 µA @ 5 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to 0 V with brownout detection
3 power-down functions
Low power serial interface with Schmitt-triggered inputs
On-chip output buffer amplifier, rail-to-rail operation
SYNC interrupt facility
APPLICATIONS
Voltage level setting
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
GENERAL DESCRIPTION
The AD5641, a member of the nanoDAC family, is a single,
14-bit, buffered, voltage out DAC that operates from a single
2.7 V to 5.5 V supply, consuming <100 µA at 5 V. The part
comes in a tiny SC70 package. Its on-chip precision output
amplifier allows rail-to-rail output swing to be achieved. The
AD5641 utilizes a versatile 3-wire serial interface that operates
at clock rates up to 30 MHz and is compatible with SPI®, QSPI™,
MICROWIRE™, and DSP interface standards. The reference for
AD5641 is derived from the power supply inputs and, therefore,
gives the widest dynamic output range. The part incorporates a
power-on reset circuit, which ensures that the DAC output
powers up to 0 V and remains there until a valid write to the
device takes place.
The AD5641 contains a power-down feature that reduces
current consumption to <100 nA at 3 V, and provides software-
selectable output loads while in power-down mode. The part is
put into power-down mode over the serial interface. The low
power consumption of the part in normal operation makes it
ideally suited to portable battery-operated equipment. The
combination of small package and low power makes this
nanoDAC device ideal for level-setting requirements such as
generating bias or control voltages in space-constrained and
power-sensitive applications.
FUNCTIONAL BLOCK DIAGRAM
POWER-ON
RESET
DAC
REGISTER
14-BIT
DAC
INPUT
CONTROL
LOGIC
POWER-DOWN
CONTROL LOGIC
AD5641
VDD
GND
REF(+)
RESISTOR
NETWORK
VOUT
SYNC
SCLK
DIN
OUTPUT
BUFFER
Figure 1.
Table 1. Related Devices
Part Number
Description
AD5601/AD5611/AD5621
2.7 V to 5.5 V, <100 µA, 8-/10-/12-Bit,
nanoDAC™ D/A, SPI Interface, SC70
Package
The AD5641 is designed with new technology and comes in a
space-saving SC70 package.
PRODUCT HIGHLIGHTS
1.
Available in a space-saving 6-lead SC70 package.
2.
Low power, single-supply operation. The AD5641 operates
from a single 2.7 V to 5.5 V supply and typically consumes
0.2 mW at 3 V and 0.5 mW at 5 V, making it ideal for
battery-powered applications.
3.
The on-chip output buffer amplifier allows the output of
the DAC to swing rail-to-rail with a typical slew rate of
0.5 V/µs.
4.
Reference derived from the power supply.
5.
High speed serial interface with clock speeds up to
30 MHz.
6.
Designed for very low power consumption. The interface
powers up only during a write cycle.
7.
Power-down capability. When powered down, the DAC
typically consumes <100 nA at 3 V.
8.
Power-on reset with brownout detection.


Similar Part No. - AD5641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5641ACPZ-REEL7 AD-AD5641ACPZ-REEL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641AKSZ-500RL7 AD-AD5641AKSZ-500RL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641AKSZ-REEL7 AD-AD5641AKSZ-REEL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641BKSZ AD-AD5641BKSZ Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641BKSZ-500RL7 AD-AD5641BKSZ-500RL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
More results

Similar Description - AD5641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662 AD-AD5662 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Oct-2004
AD5601 AD-AD5601 Datasheet
599Kb / 20P
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
AD5602 AD-AD5602 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
AD5663 AD-AD5663 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com