Electronic Components Datasheet Search
  English  ▼

X  

AD5641 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5641
Description  2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5641 Datasheet HTML 7Page - Analog Devices AD5641 Datasheet HTML 8Page - Analog Devices AD5641 Datasheet HTML 9Page - Analog Devices AD5641 Datasheet HTML 10Page - Analog Devices AD5641 Datasheet HTML 11Page - Analog Devices AD5641 Datasheet HTML 12Page - Analog Devices AD5641 Datasheet HTML 13Page - Analog Devices AD5641 Datasheet HTML 14Page - Analog Devices AD5641 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary Technical Data
AD5641
Rev. PrC | Page 11 of 20
0
20
40
60
80
100
120
140
0
5
10
15
20
25
FREQUENCY (MHz)
3/4 SCALE
FULL SCALE
1/4 SCALE
MIDSCALE
ZERO SCALE
Figure 22. IDD vs. SCLK vs. Code
NOISE SPECTRAL
DENSITY
0
20
40
160
60
80
100
120
140
200
180
1K
10K
100K
FREQUENCY
CODE 0x2040
ZERO SCALE
MIDSCALE
FULL SCALE
Figure 23. Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com