Electronic Components Datasheet Search
  English  ▼

X  

AD5641 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5641
Description  2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5641 Datasheet HTML 6Page - Analog Devices AD5641 Datasheet HTML 7Page - Analog Devices AD5641 Datasheet HTML 8Page - Analog Devices AD5641 Datasheet HTML 9Page - Analog Devices AD5641 Datasheet HTML 10Page - Analog Devices AD5641 Datasheet HTML 11Page - Analog Devices AD5641 Datasheet HTML 12Page - Analog Devices AD5641 Datasheet HTML 13Page - Analog Devices AD5641 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5641
Preliminary Technical Data
Rev. PrC | Page 10 of 20
CH2
CH1
VDD = 5V
TA = 25°C
VDD
VOUT = 70mV
CH1 1V, CH2, TIME BASE = 20
µs/DIV
Figure 16. Power-On Reset to 0 V
CH1 1V, CH2 5V, TIME BASE = 50
µs/DIV
CH2
CH1
VDD
VOUT
VDD = 5V
TA = 25°C
Figure 17. VDD vs. VOUT (Power-Down)
Figure 18. Digital-to-Analog Glitch Impulse
CH1
VDD = 5V
TA = 25°C
MIDSCALE LOADED
CH1 5uV/DIV
Figure 19. 1/f Noise, 0.1 Hz to 10 Hz Bandwidth
CH1 5V, CH2 1V, TIME BASE = 5
µs/DIV
CH1
CH2
VOUT
CLK
VDD = 5V
TA = 25°C
Figure 20. Exiting Power-Down
Figure 21. Harmonic Distortion on Digitally Generated Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com