Electronic Components Datasheet Search
  English  ▼

X  

AD5660 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5660
Description  3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5660 Datasheet HTML 10Page - Analog Devices AD5660 Datasheet HTML 11Page - Analog Devices AD5660 Datasheet HTML 12Page - Analog Devices AD5660 Datasheet HTML 13Page - Analog Devices AD5660 Datasheet HTML 14Page - Analog Devices AD5660 Datasheet HTML 15Page - Analog Devices AD5660 Datasheet HTML 16Page - Analog Devices AD5660 Datasheet HTML 17Page - Analog Devices AD5660 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5660
Preliminary Technical Data
Rev. PrJ Page 14 of 20
THEORY OF OPERATION
D/A SECTION
The AD5660 DAC is fabricated on a CMOS process. The
architecture consists of a string DAC followed by an output
buffer amplifier. The parts include an internal 1.25 V/2.5 V,
10 ppm/°C reference with an internal gain of two. Figure 22
shows a block diagram of the DAC architecture.
Figure 22. DAC Architecture
Since the input coding to the DAC is straight binary, the ideal
output voltage is given by:
⎟
⎠
⎞
⎜
⎝
⎛
×
=
65536
2
D
xVREF
V
OUT
where D = the decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 65535.
Figure 23. Resistor String
RESISTOR STRING
The resistor string section is shown in Figure 23. It is simply a
string of resistors, each of value R. The code loaded to the DAC
register determines at which node on the string the voltage is
tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating rail-to-rail
voltages on its output which gives an output range of 0 V to VDD.
It is capable of driving a load of 2 kΩ in parallel with 1000 pF to
GND. The source and sink capabilities of the output amplifier
can be seen in Figure 10 and Figure 11. The slew rate is 1 V/µs
with a half-scale settling time of 8 µs with the output unloaded.
SERIAL INTERFACE
The AD5660 has a 3-wire serial interface (SYNC, SCLK and
DIN), which is compatible with SPI, QSPI and MICROWIRE
interface standards as well as most DSPs. See Figure 2 for a
timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 30 MHz, making the AD5660compatible with high speed
DSPs. On the 24th falling clock edge, the last data bit is clocked
in and the programmed function is executed, that is, a change in
DAC register contents and/or a change in the mode of
operation. At this stage, the SYNC line may be kept low or be
brought high. In either case, it must be brought high for a
minimum of 33 ns before the next write sequence so that a
falling edge of SYNC can initiate the next write sequence. Since
the SYNC buffer draws more current when VIN = 2.4 V than it
does when VIN = 0.8 V, SYNC should be idled low between write
sequences for even lower power operation of the part. As is
mentioned above, however, it must be brought high again just
before the next write sequence.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 24). The first
six bits are “don’t cares.” The next two are control bits that
control which mode of operation the part is in (normal mode
or any one of three power-down modes). There is a more
complete description of the various modes in the Power-Down
Modes section. The next sixteen bits are the data bits. These are
transferred to the DAC register on the24th falling edge of
SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com