Electronic Components Datasheet Search
  English  ▼

X  

AD5660 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5660
Description  3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5660 Datasheet HTML 12Page - Analog Devices AD5660 Datasheet HTML 13Page - Analog Devices AD5660 Datasheet HTML 14Page - Analog Devices AD5660 Datasheet HTML 15Page - Analog Devices AD5660 Datasheet HTML 16Page - Analog Devices AD5660 Datasheet HTML 17Page - Analog Devices AD5660 Datasheet HTML 18Page - Analog Devices AD5660 Datasheet HTML 19Page - Analog Devices AD5660 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary Technical Data
AD5660
Rev. PrJ | Page 19 of 20
OUTLINE DIMENSIONS
Figure 34. 8-Lead SOT-23
(RJ-8)
Figure 35. 8-Lead MSOP
(RJ-8)
ORDERING GUIDE
Model
Grade
Power-On-Reset to
Internal
Reference
Branding
Package Options1
Description
AD5660ARJ-1
A
Zero
1.25 V
TBD
RJ-8
±32 LSB INL, 25 ppm/°C Ref, 3 V
AD5660ARJ-2
A
Zero
2.5 V
TBD
RJ-8
±32 LSB INL, 25 ppm/°C Ref, 5 V
AD5660ARJ-3
A
Midscale
2.5 V
TBD
RJ-8
±32 LSB INL, 25 ppm/°C Ref, 5 V
AD5660BRJ-1
B
Zero
1.25 V
TBD
RJ-8
±16 LSB INL, 25 ppm/°C Ref, 3 V
AD5660BRJ-2
B
Zero
2.5 V
TBD
RJ-8
±16 LSB INL, 25 ppm/°C Ref, 5 V
AD5660BRJ-3
B
Midscale
2.5 V
TBD
RJ-8
±16 LSB INL, 25 ppm/°C Ref, 5 V
AD5660CRM-1
C
Zero
1.25 V
TBD
RM-8
±16 LSB INL, 10 ppm/°C Ref, 3 V
AD5660CRM-2
C
Zero
2.5 V
TBD
RM-8
±16 LSB INL, 10 ppm/°C Ref, 5 V
AD5660CRM-3
C
Midscale
2.5 V
TBD
RM-8
±16 LSB INL, 10 ppm/°C Ref, 5 V
1 RJ = SOT-23
RM = MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com