Electronic Components Datasheet Search
  English  ▼

X  

AD5660 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5660
Description  3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 2 Page - Analog Devices

  AD5660 Datasheet HTML 1Page - Analog Devices AD5660 Datasheet HTML 2Page - Analog Devices AD5660 Datasheet HTML 3Page - Analog Devices AD5660 Datasheet HTML 4Page - Analog Devices AD5660 Datasheet HTML 5Page - Analog Devices AD5660 Datasheet HTML 6Page - Analog Devices AD5660 Datasheet HTML 7Page - Analog Devices AD5660 Datasheet HTML 8Page - Analog Devices AD5660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5660
Preliminary Technical Data
Rev. PrJ Page 2 of 20
TABLE OF CONTENTS
AD5660X-2/3–Specifications ......................................................... 3
AD5660x-1–Specifications.............................................................. 5
Timing Characteristics..................................................................... 7
Pin Configuration and Function Descriptions............................. 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Terminology .................................................................................... 10
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 14
D/A Section................................................................................. 14
Resistor String ............................................................................. 14
Output Amplifier ........................................................................ 14
Serial Interface ............................................................................ 14
SYNC Interrupt .......................................................................... 15
Power-On Reset.......................................................................... 15
Power-Down Modes .................................................................. 15
Microprocessor Interfacing....................................................... 15
Applications..................................................................................... 17
Using REF19x as a Power Supply for AD5660 ....................... 17
Bipolar Operation Using the AD5660 ..................................... 17
Using AD5660 with an Opto-Isolated Interface..................... 17
Power Supply Bypassing and Grounding................................ 18
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
Revision PrJ: Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com