Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7273
Description  3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 5 Page - Analog Devices

  AD7273 Datasheet HTML 1Page - Analog Devices AD7273 Datasheet HTML 2Page - Analog Devices AD7273 Datasheet HTML 3Page - Analog Devices AD7273 Datasheet HTML 4Page - Analog Devices AD7273 Datasheet HTML 5Page - Analog Devices AD7273 Datasheet HTML 6Page - Analog Devices AD7273 Datasheet HTML 7Page - Analog Devices AD7273 Datasheet HTML 8Page - Analog Devices AD7273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
–5–
REV. PrB
PRELIMINARYTECHNICALDATA
AD7274 SPECIFICATIONS
NOTES
1Temperature range from –40°C to +85°C.
2See Terminology.
3Guranteed by Characterization.
4 See Power Versus Throughput Rate section.
Specifications subject to change without notice.
(VDD=+2.35 V to +3.6 V, VREF= + 2.5V, fSCLK=52 MHz, fSAMPLE=3MSPS unless
otherwise noted; TA=TMIN to TMAX, unless otherwise noted.)
POWER REQUIREMENTS
VDD
2.35/3.6
V min/Vmax
IDD
Digital I/Ps= 0V or VDD
Normal Mode (Static)
2.5
mA typ
VDD= 2.35V to 3.6V,SCLK On or Off
Normal Mode (Operational)
4.5
mA max
VDD= 2.35V to 3.6V, fSAMPLE=3MSPS
Full Power-Down Mode(Static)
1
µA max
SCLK On or Off, typically TBD nA
Full Power-Down Mode(Dynamic)
T B D
mA typ
VDD= 3V, fSAMPLE=1MSPS
Power Dissipation
4
Normal Mode (Operational)
13.5
mW max VDD= 3 V, fSAMPLE= 3MSPS
Full Power-Down
3
µW max
VDD= 3 V
Parameter
B Grade
1
Units
Test Conditions/Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com