Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7273
Description  3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7273 Datasheet HTML 4Page - Analog Devices AD7273 Datasheet HTML 5Page - Analog Devices AD7273 Datasheet HTML 6Page - Analog Devices AD7273 Datasheet HTML 7Page - Analog Devices AD7273 Datasheet HTML 8Page - Analog Devices AD7273 Datasheet HTML 9Page - Analog Devices AD7273 Datasheet HTML 10Page - Analog Devices AD7273 Datasheet HTML 11Page - Analog Devices AD7273 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
–8–
REV. PrB
PRELIMINARYTECHNICALDATA
AD7273/AD7274
Preliminary Technical Data
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND......................................-0.3 V to TBD V
Analog Input Voltage to GND......–0.3 V to VDD + 0.3 V
Reference Input Voltage to GND...–0.3 V to VDD + 0.3 V
Digital Input Voltage to GND..............–0.3 V to TBD V
Digital Output Voltage to GND....–0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2..........±10 mA
Operating Temperature Range
Commercial (B Grade)......................–40°C to +85°C
Storage Temperature Range..............–65°C to +150°C
Junction Temperature..........................................150°C
8-lead TSOT Package
θ
JA Thermal Impedance.................................TBD°C/W
θ
JC Thermal Impedance................................TBD°C/W
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device.
This is a stress rating only and
functional operation of the device at these or any other conditions above
those listed in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
8-lead MSOP Package
θ
JA Thermal Impedance.................................205.9°C/W
θ
JC Thermal Impedance...............................43.74°C/W
Lead Temperature Soldering
Reflow (10-30 secs)....................................+TBD°C
ESD..................................................................TBDKV
PIN CONFIGURATION
AD7273/AD7274
ORDERING GUIDE
Temperature
Linearity
Package
Package
Branding
Model
Range
Error (LSB)
1
Option
Description
Information
AD7274BUJ-REEL
–40°C to +85°C
±1 max
UJ-8
TSOT
T B D
AD7274BRM
–40°C to +85°C
±1 max
RM-8
MSOP
T B D
AD7273BUJ-REEL
–40°C to +85°C
±0.5 max
UJ-8
TSOT
T B D
AD7273BRM
–40°C to +85°C
±0.5 max
RM-8
MSOP
T B D
NOTES
1Linearity error here refers to integral nonlinearity.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7273/AD7274 feature proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
TOP VIEW
1
2
3
4
5
6
&6
SDATA
SCLK
VIN
(Not to Scale)
VDD
GND
AD7273/
AD7274
7
8
GND
VREF
TOP VIEW
1
2
3
4
5
6
&6
SDATA
SCLK
VIN
(Not to Scale)
VDD
GND
7
8
GND
VREF
AD7273/
AD7274
8-lead MSOP
8-lead TSOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com