Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7273
Description  3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7273 Datasheet HTML 12Page - Analog Devices AD7273 Datasheet HTML 13Page - Analog Devices AD7273 Datasheet HTML 14Page - Analog Devices AD7273 Datasheet HTML 15Page - Analog Devices AD7273 Datasheet HTML 16Page - Analog Devices AD7273 Datasheet HTML 17Page - Analog Devices AD7273 Datasheet HTML 18Page - Analog Devices AD7273 Datasheet HTML 19Page - Analog Devices AD7273 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
–19–
REV. PrB
PRELIMINARYTECHNICALDATA
Preliminary Technical Data
AD7273/AD7274
SERIAL INTERFACE
Figures 16 and 17 show the detailed timing diagram for
serial interfacing to the AD7274 and AD7273 respec-
tively. The serial clock provides the conversion clock and
also controls the transfer of information from the
AD7273/AD7274 during conversion.
The
CS signal initiates the data transfer and conversion
process. The falling edge of
CS puts the track and hold
into hold mode, takes the bus out of three-state and the
analog input is sampled at this point. The conversion is
also initiated at this point.
For the AD7274 the conversion will require 14 SCLK
cycles to complete. Once 13 SCLK falling edges have
elapsed the track and hold will go back into track on the
next SCLK rising edge as shown in Figure 16 at point B.
If the rising edge of
CS occurs before 14 SCLKs have
elapsed then the conversion will be terminated and the
SDATA line will go back into three-state. If 16 SCLKs
are considered in the cycle, the last two bits will be zeros
and
SDATA will return to three-state on the 16th SCLK
falling edge as shown in Figure 16.
For the AD7273 the conversion will require 12 SCLK
cycles to complete. Once 11 SCLK falling edges have
elapsed, the track and hold will go back into track on the
next SCLK rising edge, as shown in Figure 17 at point B.
If the rising edge of
CS occurs before 12 SCLKs have
elapsed then the conversion will be terminated and the
SDATA line will go back into three-state. If 16 SCLKs
are considered in the cycle, the AD7273 will clock out
four trailing zeros for the last four bits and SDATA will
Figure 16. AD7274 Serial Interface Timing Diagram
return to three-state on the 16th SCLK falling edge, as
shown in Figure 17.
If the user considers a 14 SCLKs cycle serial interface for
the AD7273/AD7274,
CS needs to be brought high after
the 14th SCLK falling edge, the last two trailing zeros
will be ignored and SDATA will go back into three-state.
In this case, a 45 MHz serial clock would allow to achieve
3MSPS throughput rate.
CS going low clocks out the first leading zero to be read
in by the microcontroller or DSP. The remaining data is
then clocked out by subsequent SCLK falling edges
beginning with the 2nd leading zero. Thus, the first fall-
ing clock edge on the serial clock has the first leading
zero provided and also clocks out the second leading zero.
The final bit in the data transfer is valid on the 16th fall-
ing edge, having being clocked out on the previous (15th)
falling edge.
In applications with a slower SCLK, it is possible to read
in data on each SCLK rising edge. In that case, the first
falling edge of SCLK will clock out the second leading
zero and it could be read in the first rising edge. However,
the first leading zero that was clocked out when
CS went
low will be missed unless it was not read in the first falling
edge. The 15th falling edge of SCLK will clock out the
last bit and it could be read in the 15th rising SCLK edge.
If
CS goes low just after one the SCLK falling edge has
elapsed,
CS will clock out the first leading zero as before
and it may be read in the SCLK rising edge. The next
SCLK falling edge will clock out the second leading zero
and it could be read in the following rising edge.
Figure 17. AD7273 Serial Interface Timing Diagram
&6
SCLK
15
13
15
SDATA
2 LEADING
ZERO’S
THREE-
STATE
t4
23
4
16
t5
t3
tquiet
tconvert
t 2
THREE-STATE
DB10
t6
t7
t8
14
ZERO
Z
B
t1
1/ THROUGHPUT
DB11
DB9
ZERO
ZERO
DB0
DB1
2TRAILING
ZE RO ’S
&6
13
15
t5
16
tquiet
THREE-STATE
t8
14
ZERO
ZERO
4TRAILING ZE RO’S
ZERO
ZERO
B
SCLK
1
SDATA
2 LEADI NG
ZERO’S
THREE-
STATE
t4
2
3
4
t 3
tconvert
t2
DB8
t6
t7
ZERO
Z
t1
1/ THROUGHPUT
DB9
DB0
DB1
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com