Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7273
Description  3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7273 Datasheet HTML 12Page - Analog Devices AD7273 Datasheet HTML 13Page - Analog Devices AD7273 Datasheet HTML 14Page - Analog Devices AD7273 Datasheet HTML 15Page - Analog Devices AD7273 Datasheet HTML 16Page - Analog Devices AD7273 Datasheet HTML 17Page - Analog Devices AD7273 Datasheet HTML 18Page - Analog Devices AD7273 Datasheet HTML 19Page - Analog Devices AD7273 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
–20–
REV. PrE
PRELIMINARYTECHNICALDATA
Preliminary Technical Data
AD7273/AD7274
OUTLINE DIMENSIONS
Dimensions shown in millimiters
8-Lead Mini Small Outline Package [MSOP]
(RM - 8)
COMPLIANT TO JEDEC STANDARDS MO-193BA
COMPLIANT TO JEDEC STANDARDS MO-187AA
0.80
0.60
0.40
8°
0°
85
4
1
4.9 0
BSC
PIN 1
0.6 5 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.3 8
0.2 2
1.1 0 MAX
3.0 0
BSC
COPLANARITY
0 .10
0.2 3
0.0 8
8-Lead Thin Small Outline Transistor Package [TSOT]
(UJ- 8)
1
3
5
6
2
8
4
7
2.9 0 BSC
PIN 1
1.60 BSC
1.9 5
BSC
0.65 BSC
0.3 8
0.2 2
0 .1 0 MAX
0.90
0.87
0.84
1.0 0 MAX
0.20
0.08
0.55
0.45
0.35
2.80 BSC
SEATING
PLANE
8 °
4 °
0 °



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com