Electronic Components Datasheet Search
  English  ▼

X  

AD7273 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7273
Description  3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7273 Datasheet(HTML) 4 Page - Analog Devices

  AD7273 Datasheet HTML 1Page - Analog Devices AD7273 Datasheet HTML 2Page - Analog Devices AD7273 Datasheet HTML 3Page - Analog Devices AD7273 Datasheet HTML 4Page - Analog Devices AD7273 Datasheet HTML 5Page - Analog Devices AD7273 Datasheet HTML 6Page - Analog Devices AD7273 Datasheet HTML 7Page - Analog Devices AD7273 Datasheet HTML 8Page - Analog Devices AD7273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
–4–
REV. PrB
PRELIMINARYTECHNICALDATA
AD7274-SPECIFICATIONS
Parameter
B Grade
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 1 MHz Sine Wave
Signal-to-Noise + Distortion (SINAD)
2
70
dB min
Signal-to-Noise Ratio (SNR)
71
dB min
Total Harmonic Distortion (THD)
2
-80
dB typ
Peak Harmonic or Spurious Noise (SFDR)
2
-82
dB typ
Intermodulation Distortion (IMD)
2
Second Order Terms
-84
dB typ
fa= TBD kHz, fb= TBD kHz
Third Order Term
-84
dB typ
fa= TBD kHz, fb= TBD kHz
Aperture Delay
T B D
ns typ
Aperture Jitter
T B D
ps typ
Full Power Bandwidth
T B D
MHz typ
@ 3 dB
Full Power Bandwidth
T B D
MHz typ
@ 0.1dB
Power Supply Rejection Ratio (PSRR)
T B D
dB typ
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity
2
± 1
LSB max
Differential Nonlinearity
2
± 1
LSB max Guaranteed No Missed Codes to 12 Bits
Offset Error
2
±TBD
LSB max
Gain Error
2
±TBD
LSB max
Total Unadjusted Error (TUE)
2
±TBD
LSB max
ANALOG INPUT
Input Voltage Range
0 to VREF
Volts
DC Leakage Current
±0.5
µA max
Input Capacitance
T B D
pF typ
REFERENCE INPUT
VREF Input Voltage Range
1.2 to VDD Vmin/Vmax
DC leakage Current
±TBD
µA max
Input Capacitance
T B D
pF max
Input Impedance
T B D
k
Ω typ
LOGIC INPUTS
Input High Voltage, VINH
0.7(VDD)
V min
2.35V
Vdd
2.7V
2
V min
2.7V < Vdd
3.6V
Input Low Voltage, VINL
0.2(VDD)
V max
2.35V Vdd< 2.7V
0.8
V max
2.7V
Vdd
3.6V
Input Current, IIN,SCLK Pin
±0.5
µA max
Typically TBD nA, VIN= 0 V or VDD
Input Current, IIN,
CS Pin
±TBD
µA max
Input Capacitance, CIN
3
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD - 0.2
V min
ISOURCE= 200 µA;VDD= 2.35 V to 3.6 V
Output Low Voltage, VOL
0.2
V max
ISINK=200 µA
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance
3
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion
Time
270
ns max
14 SCLK Cycles with SCLK at 52 MHz
Track/Hold Acquisition Time2
50
ns max
Throughput
Rate
3
MSPS max See Serial Interface Section
(VDD=+2.35 V to +3.6 V, VREF= +2.5V, fSCLK=52 MHz, fSAMPLE=3MSPS unless otherwise
noted; TA=TMIN to TMAX, unless otherwise noted.)
NOTES
1Temperature range from –40°C to +85°C.
2See Terminology.
3Guranteed by Characterization.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com