Electronic Components Datasheet Search
  English  ▼

X  

AD9864-EB Datasheet(PDF) 36 Page - Analog Devices

Part # AD9864-EB
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EB Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9864-EB Datasheet HTML 32Page - Analog Devices AD9864-EB Datasheet HTML 33Page - Analog Devices AD9864-EB Datasheet HTML 34Page - Analog Devices AD9864-EB Datasheet HTML 35Page - Analog Devices AD9864-EB Datasheet HTML 36Page - Analog Devices AD9864-EB Datasheet HTML 37Page - Analog Devices AD9864-EB Datasheet HTML 38Page - Analog Devices AD9864-EB Datasheet HTML 39Page - Analog Devices AD9864-EB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9864
which low level spurs can degrade the AD9864’s sensitivity
performance.
Despite the many spurs, sweet spots in the LO frequency are
generally wide enough to accommodate the maximum signal
bandwidth of the AD9864. As evidence of this property,
Figure 68 shows that the in-band noise is quite constant for LO
frequencies ranging from 70 MHz to 71 MHz.
–60
–70
–80
–90
–50
0
250
300
200
150
100
50
LO FREQUENCY (MHz)
Figure 66. Total In-Band Noise + Spur Power with No Signal Applied as a Function of the LO Frequency (fCLK = 18 MHz and Output Signal Bandwidth = 150 kHz)
–60
–70
–80
–90
–50
0
250
300
LO FREQUENCY (MHz)
200
150
100
50
Figure 67. Same as Figure 66 Excluding LO Frequencies Known to Produce Large In-Band Spurs
Rev. 0 | Page 36 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com