Electronic Components Datasheet Search
  English  ▼

X  

AD9864-EB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9864-EB
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9864-EB Datasheet HTML 20Page - Analog Devices AD9864-EB Datasheet HTML 21Page - Analog Devices AD9864-EB Datasheet HTML 22Page - Analog Devices AD9864-EB Datasheet HTML 23Page - Analog Devices AD9864-EB Datasheet HTML 24Page - Analog Devices AD9864-EB Datasheet HTML 25Page - Analog Devices AD9864-EB Datasheet HTML 26Page - Analog Devices AD9864-EB Datasheet HTML 27Page - Analog Devices AD9864-EB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9864
The stability, phase noise, spur performance, and transient
response of the AD9864’s LO (and CLK) synthesizers are
determined by the external loop filter, the VCO, the N-divide
factor, and the reference frequency, fREF. A good overview of the
theory and practical implementation of PLL synthesizers (fea-
tured as a three-part series in Analog Dialogue) can be found
on the Analog Devices website. Also, a free software copy of the
Analog Devices’ ADIsimPLL, a PLL synthesizer simulation
tool, is available at www.analog.com. Note that the ADF4112
model can be used as a close approximation to the AD9864’s
LO synthesizer when using this software tool.
FREF
84k
Ω
~VDDL/2
LO
BUFFER
500
Ω
500
Ω
TO MIXER
LO PORT
1.75V
BIAS
LOP
LON
NOTES
1. ESD DIODE STRUCTURES OMITTED FOR CLARITY.
2. FREF STBY SWITCHES SHOWN WITH LO SYNTHESIZER ON.
Figure 39. Equivalent Input of LO and REF Buffers
Figure 39 shows the equivalent input structures of the synthe-
sizers’ LO and REF buffers (excluding the ESD structures). The
LO input is fed to the LO synthesizer’s buffer as well as the LO
port of the AD9864’s mixer. Both inputs are self-biasing and
thus tolerate ac-coupled inputs. The LO input can be driven
with a single-ended or differential signal. Single-ended dc-
coupled inputs should ensure sufficient signal swing above and
below the common-mode bias of the LO and REF buffers (i.e.,
1.75 V and VDDL/2). Note that the fREF input is slew rate
dependent and must be driven with input signals exceeding
7.5 V/µs to ensure proper synthesizer operation. If this condi-
tion cannot be met, an external logic gate can be inserted prior
to the fREF input to square up the signal, thus allowing an fREF
input frequency approaching dc.
FAST ACQUIRE MODE
The fast acquire circuit attempts to boost the output current
when the phase difference between the divided-down LO, i.e.,
fLO, and the divided-down reference frequency, i.e., fREF, exceeds
the threshold determined by the LOFA register. The LOFA
register specifies a divisor for the fREF signal that determines the
period (T) of this divided-down clock. This period defines the
time interval used in the fast acquire algorithm to control the
charge pump current.
Assume for the moment that the nominal charge pump current
is at its lowest setting, i.e., LOI = 0, and denote this minimum
current by I0. When the output pulse from the phase compara-
tor exceeds T, the output current for the next pulse is 2I0. When
the pulse is wider than 2T, the output current for the next pulse
is 3I0, and so forth, up to eight times the minimum output cur-
rent. If the nominal charge pump current is more than the
minimum value, i.e., LOI > 0, the preceding rule is only applied
if it results in an increase in the instantaneous charge pump
current. If the charge pump current is set to its lowest value
(LOI = 0) and the fast acquire circuit is enabled, the instantane-
ous charge pump current will never fall below 2I0 when the
pulsewidth is less than T. Thus, the charge pump current when
fast acquire is enabled is given by
(
)
[
]
T
Pulsewidth
LOI
Max
I
I
0
FA
–
PUMP
/
,
,
1
1 =
×
=
(4)
The recommended setting for LOFA is LOR/16. Choosing a
larger value for LOFA will increase T. Thus, for a given phase
difference between the LO input and the fREF input, the instan-
taneous charge pump current will be less than that available for
a LOFA value of LOR/16. Similarly, a smaller value for LOFA
will decrease T, making more current available for the same
phase difference. In other words, a smaller value of LOFA will
enable the synthesizer to settle faster in response to a frequency
hop than will a large LOFA value. Care must be taken to choose
a value for LOFA that is large enough (values greater than 4
recommended) to prevent the loop from oscillating back and
forth in response to a frequency hop.
Table 12. SPI Registers Associated with LO Synthesizer
Address
(Hex)
Bit Break–
down
Width
Default
Value
Name
0x00
(7:0)
1
0xFF
STBY
0x08
(5:0)
6
0x00
LOR (13:8)
0x09
(7:0)
8
0x38
LOR (7:0)
0x0A
(7:5)
(4:0)
3
5
0x5
0x00
LOA
LOB (12:8)
0x0B
(7:0)
8
0xiD
LOB(7:0)
0x0C
(6)
(5)
(4:2)
(1:0)
1
1
3
2
0
0
0
0
LOF
LOINV
LOI
LOTM
0x0D
(3:0)
4
0x0
LOFA(13:8)
0x0E
(7:0)
8
0x04
LOFA(7:0)
CLOCK SYNTHESIZER
The clock synthesizer is a fully programmable integer-N PLL
capable of 2.2 kHz resolution at clock input frequencies up to
18 MHz and reference frequencies up to 25 MHz. It is similar
to the LO synthesizer described in Figure 38 with the following
exceptions:
•
It does not include an 8/9 prescaler nor an A counter.
•
It includes a negative-resistance core that, when used in
conjunction with an external LC tank and varactor, serves
as the VCO.
Rev. 0 | Page 24 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com