Electronic Components Datasheet Search
  English  ▼

X  

AD9864-EB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9864-EB
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9864-EB Datasheet HTML 26Page - Analog Devices AD9864-EB Datasheet HTML 27Page - Analog Devices AD9864-EB Datasheet HTML 28Page - Analog Devices AD9864-EB Datasheet HTML 29Page - Analog Devices AD9864-EB Datasheet HTML 30Page - Analog Devices AD9864-EB Datasheet HTML 31Page - Analog Devices AD9864-EB Datasheet HTML 32Page - Analog Devices AD9864-EB Datasheet HTML 33Page - Analog Devices AD9864-EB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9864
Rev. 0 | Page 30 of 44
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
0
3
0.250
0.125
2
1
0
–1
–2
–3
PASS-BAND GAIN FREQUENCY = 1.2dB
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
0
0
0.50
0.25
–20
–40
–60
–80
–100
–120
MIN ALIAS ATTN = 97.2dB
Figure 54. Pass-Band Frequency Response of the Decimator for K = 0
Figure 57. Folded Decimator Frequency Response for K = 1
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
3
0.250
0.125
0
2
1
0
–1
–2
–3
PASS-BAND GAIN VARIATION = 0.9dB
VARIABLE GAIN AMPLIFIER OPERATION WITH
AUTOMATIC GAIN CONTROL
The AD9864 contains both a variable gain amplifier (VGA) and a
digital VGA (DVGA) along with all of the necessary signal estimation
and control circuitry required to implement automatic gain control
(AGC), as shown in Figure 58. The AGC control circuitry provides a
high degree of programmability, allowing users to optimize the AGC
response as well as the AD9864’s dynamic range for a given applica-
tion. The VGA is programmable over a 12 dB range and implemented
within the ADC by adjusting its full-scale reference level. Increasing the
ADC’s full scale is equivalent to attenuating the signal. An additional
12 dB of digital gain range is achieved by scaling the output of the
decimation filter in the DVGA. Note that a slight increase in the supply
current (i.e., 0.67 mA) is drawn from VDDI and VDDF as the VGA
changes from 0 dB to 12 dB attenuation.
Figure 55. Pass-Band Frequency Response of the Decimator for K = 1
NORMALIZED FREQUENCY (RELATIVE TO
fOUT)
0
0.50
0.25
0
–20
–40
–60
–80
–100
–120
MIN ALIAS ATTN = 87.7dB
The purpose of the VGA is to extend the usable dynamic range of the
AD9864 by allowing the ADC to digitize a desired signal over a large
input power range as well as recover a low level signal in the presence
of larger unfiltered interferers without saturating or clipping the ADC.
The DVGA is most useful in extending the dynamic range in narrow-
band applications requiring a 16-bit I and Q data format. In these
applications, quantization noise resulting from internal truncation to
16 bits as well as external 16-bit fixed point post processing can
degrade the AD9864’s effective noise figure by 1 dB or more.
The DVGA is enabled by writing a 1 to the AGCV field. The VGA
(and the DVGA) can operate in either a user controlled variable gain
mode or automatic gain control (AGC) mode. It is worth noting that
the VGA imparts negligible phase error upon the desired signal as its
gain is varied over a 12 dB range. This is due to the bandwidth of the
VGA being far greater than the down converted desired signal (cen-
tered about fCLK/8) and remaining relatively independent of gain
setting. As a result, phase modulated signals should experience mini-
mal phase error as the AGC varies the VGA gain while tracking an
interferer or the desired signal under fading conditions. Note that the
envelope of the signal will still be affected by the AGC settings.
Figure 56. Folded Decimator Frequency Response for K = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com