Electronic Components Datasheet Search
  English  ▼

X  

AD9864-EB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9864-EB
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9864-EB Datasheet HTML 25Page - Analog Devices AD9864-EB Datasheet HTML 26Page - Analog Devices AD9864-EB Datasheet HTML 27Page - Analog Devices AD9864-EB Datasheet HTML 28Page - Analog Devices AD9864-EB Datasheet HTML 29Page - Analog Devices AD9864-EB Datasheet HTML 30Page - Analog Devices AD9864-EB Datasheet HTML 31Page - Analog Devices AD9864-EB Datasheet HTML 32Page - Analog Devices AD9864-EB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD9864
constant over a ±3.5% range (i.e., ±35,000 ppm), suggesting
that most applications will not be required to retune over the
operating temperature range.
–15
12
11
10
LC ERROR (%)
9
8
010
–10
–5
15
BW = 75kHz
BW = 10kHz
BW = 30kHz
5
Figure 50. Typical Noise Figure Degradation from L and C
Component Drift (fCLK = 18 MSPS, fIF = 73.3501 MHz)
DECIMATION FILTER
The decimation filter shown in Figure 51 consists of an fCLK/8
complex mixer and a cascade of three linear phase FIR filters:
DEC1, DEC2, and DEC3. DEC1 downsamples by a factor of 12
using a fourth order comb filter. DEC2 also uses a fourth order
comb filter, but its decimation factor is set by the M field of
Register 0x07. DEC3 is either a decimate-by-5 FIR filter or a
decimate-by-4 FIR filter, depending on the value of the K bit
within Register 0x07. Thus, the composite decimation factor
can be set to either 60 × M or 48 × M for K equal to 0 or 1,
respectively.
The output data rate (fOUT) is equal to the modulator clock fre-
quency (fCLK) divided by the digital filter’s decimation factor.
Due to the transition region associated with the decimation
filter’s frequency response, the decimation factor must be
selected such that fOUT is equal to or greater than twice the sig-
nal bandwidth. This ensures low amplitude ripple in the pass
band along with the ability to provide further application-
specific digital filtering prior to demodulation.
4
OR
5
COS
SIN
DATA
FROM
Σ-∆
MODULATOR
DEC1
SINC4
FILTER
DEC2
SINC4
FILTER
M + 1
DEC3
FIR
FILTER
COMPLEX
DATA TO
SSI PORT
I
Q
MK
12
Figure 51. Decimation Filter Architecture
Figure 52 shows the response of the decimation filter at a deci-
mation factor of 900 (K = 0, M = 14) and a sampling clock fre-
quency of 18 MHz. In this example, the output data rate (fOUT)
is 20 kSPS, with a usable complex signal bandwidth of 10 kHz
centered around dc. As this figure shows, the first and second
alias bands (occurring at even integer multiples of fOUT/2) have
the least attenuation but provide at least 88 dB of attenuation.
Note that signals falling around frequency offsets that are odd
integer multiples of fOUT/2 (i.e., 10 kHz, 30 kHz, and 50 kHz)
will fall back into the transition band of the digital filter.
FREQUENCY (kHz)
–40
–100
030
10
20
–20
0
–60
–80
40
100
FOLD-
ING
POINT
±5.0kHz PASS BAND
–120
120
70
80
60
50
90
–88dB
–88dB
–101dB
–103dB
Figure 52. Decimation Filter Frequency Response for
fOUT = 20 kSPS (fCLK = 18 MHz, OSR = 900)
Figure 53 shows the response of the decimation filter with a
decimation factor of 48 and a sampling clock rate of 26 MHz.
The alias attenuation is at least 94 dB and occurs for frequen-
cies at the edges of the fourth alias band. The difference
between the alias attenuation characteristics of Figure 52 and
those of Figure 53 is due to the fact that the third decimation
stage decimates by a factor of 5 for Figure 52 compared with a
factor of 4 for Figure 53.
0
–40
–100
–20
–60
–80
–120
FREQUENCY (MHz)
EQUENCY
0
1.5
0.5
1.0
2.0
2.5
±135.466kHz PASS BAND
–98dB
–115dB
–94dB
Figure 53. Decimation Filter Frequency Response for
fOUT = 541.666 kSPS (fCLK = 26 MHz, OSR = 48)
Figure 54 and Figure 55 show expanded views of the pass band
for the two possible configurations of the third decimation fil-
ter. When decimating by 60n (K = 0), the pass-band gain varia-
tion is 1.2 dB; when decimating by 48n (K = 1), the pass-band
gain variation is 0.9 dB. Normalization of full scale at band
center is accurate to within 0.14 dB across all decimation
modes. Figure 56 and Figure 57 show the folded frequency
response of the decimator for K = 0 and K = 1, respectively.
Rev. 0 | Page 29 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com