Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9864BCPZ Datasheet HTML 1Page - Analog Devices AD9864BCPZ Datasheet HTML 2Page - Analog Devices AD9864BCPZ Datasheet HTML 3Page - Analog Devices AD9864BCPZ Datasheet HTML 4Page - Analog Devices AD9864BCPZ Datasheet HTML 5Page - Analog Devices AD9864BCPZ Datasheet HTML 6Page - Analog Devices AD9864BCPZ Datasheet HTML 7Page - Analog Devices AD9864BCPZ Datasheet HTML 8Page - Analog Devices AD9864BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
IF Digitizing Subsystem
AD9864*
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
10 MHz to 300 MHz input frequency
6.8 kHz to 270 kHz output signal bandwidth
7.5 dB SSB NF
–7.0 dBm IIP3
AGC free range up to –34 dBm
12 dB continuous AGC range
16 dB front end attenuator
Baseband I/Q 16-bit (or 24-bit) serial digital output
LO and sampling clock synthesizers
Programmable decimation factor, output format,
AGC, and sythesizer settings
370
Ω input impedance
2.7 V to 3.6 V supply voltage
Low current consumption: 17 mA
48-lead LFCSP package
APPLICATIONS
Multimode narrow-band radio products
Analog/digital UHF/VHF FDMA receivers
TETRA, APCO25, GSM/EDGE
Portable and mobile radio products
SATCOM terminals
*Protected by U.S. Patent No. 5,969,657; other patents pending.
PRODUCT OVERVIEW
The AD9864 is a general-purpose IF subsystem that digitizes a
low level 10 MHz to 300 MHz IF input with a signal bandwidth
ranging from 6.8 kHz to 270 kHz. The signal chain of the
AD9864 consists of a low noise amplifier (LNA), a mixer, a
band-pass Σ-∆ analog-to-digital converter (ADC), and a deci-
mation filter with programmable decimation factor. An auto-
matic gain control (AGC) circuit gives the AD9864 12 dB of
continuous gain adjustment. Auxiliary blocks include both
clock and LO synthesizers.
The high dynamic range of the AD9864 and inherent antialias-
ing provided by the band-pass Σ-∆ converter allow the device to
cope with blocking signals up to 95 dB stronger than the desired
signal. This attribute often reduces the cost of a radio by reduc-
ing IF filtering requirements. Also, it enables multimode radios
of varying channel bandwidths, allowing the IF filter to be
specified for the largest channel bandwidth.
The SPI® port programs numerous parameters of the AD9864,
allowing the device to be optimized for any given application.
Programmable parameters include synthesizer divide ratios,
AGC attenuation and attack/decay time, received signal
strength level, decimation factor, output data format, 16 dB
attenuator, and the selected bias currents.
The AD9864 is available in a 48-lead LFCSP package and
operates from a single 2.7 V to 3.6 V supply. The total power
consumption is typically 56 mW and a power-down mode is
provided via serial interfacing.
FUNCTIONAL BLOCK DIAGRAM
∑-∆ ADC
LNA
DAC
AGC
VOLTAGE
REFERENCE
SPI
CONTROL LOGIC
FORMATTING/SSI
DECIMATION
FILTER
LO
SYN
CLK SYN
LO VCO AND
LOOP FILTER
IFIN
FREF
DOUTA
DOUTB
FS
CLKOUT
SYNCB
PE
PD
PC
VREFN
VCM
VREFP
MXOP MXON IF2P IF2N
GCP GCN
–16dB
AD9864
CLKN
CLKP
IOUTC
LON
LOP
IOUTL
LOOP FILTER
Figure 1. AD9864 Block Diagram


Similar Part No. - AD9864BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9864BCPZ AD-AD9864BCPZ Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
AD9864BCPZRL AD-AD9864BCPZRL Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
More results

Similar Description - AD9864BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9870 AD-AD9870 Datasheet
233Kb / 20P
IF Digitizing Subsystem
REV.0
AD9874 AD-AD9874 Datasheet
744Kb / 40P
IF Digitizing Subsystem
REV.0
AD9874ABSTZ AD-AD9874ABSTZ Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
IF Digitizing Subsystem
REV. 0
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_15 Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_17 Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
IF Digitizing Subsystem
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com