Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 7Page - Analog Devices AD9864BCPZ Datasheet HTML 8Page - Analog Devices AD9864BCPZ Datasheet HTML 9Page - Analog Devices AD9864BCPZ Datasheet HTML 10Page - Analog Devices AD9864BCPZ Datasheet HTML 11Page - Analog Devices AD9864BCPZ Datasheet HTML 12Page - Analog Devices AD9864BCPZ Datasheet HTML 13Page - Analog Devices AD9864BCPZ Datasheet HTML 14Page - Analog Devices AD9864BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9864
LO DRIVE (dBm)
9.0
–20
–10
0
5
8.6
8.2
7.8
7.4
7.0
8.4
8.0
7.6
7.2
–5
–15
NF
IMD
8.8
0
–20
–40
–60
–80
–30
–50
–70
–10
Figure 9. Noise Figure and IMD vs. LO Drive (VDDx = 3.0 V)
IFIN (dBm)
0
–30
–14
ADC DOES NOT GO INTO
HARD COMPRESSION
–28
–26
–24
–22
–20
–18
–14
–2
–4
–6
–8
–10
–12
2.7V
3.0V
3.3V
3.6V
–16
Figure 10. Gain Compression vs. IFIN
CHANNEL BANDWIDTH (kHz)
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT
I/Q DATA
16-BIT
I/Q DATA
16-BIT
I/Q DATA WITH
DVGA ENABLED
Figure 11. Noise Figure vs. BW (Minimum Attenuation, fCLK = 13 MSPS)
IFIN (dBm)
–12
–36 –33 –30 –27 –24 –21 –18 –15 –12 –9
–6
–3
–0
–18
–24
–30
–36
–15
–21
–27
–33
Figure 12. Gain Compression vs. IFIN with 16 dB LNA Attenuator Enabled
IFIN (dBm)
–55
–109
–61
–67
–73
–85
–91
–103
–51
–48
–45
–42
–39
–36
–33
–30
PIN
2.7V
3.0V
3.6V
3.3V
–115
–97
–79
–15
–42
–18
–21
–24
–30
–33
–39
–45
–36
–27
Figure 13. IMD vs. IFIN
CHANNEL BANDWIDTH (kHz)
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT
DATA
16-BIT DATA
WITH DVGA ENABLED
16-BIT
DATA
Figure 14. Noise Figure vs. BW (Minimum Attenuation, fCLK = 18 MSPS)
Rev. 0 | Page 11 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com