Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 28Page - Analog Devices AD9864BCPZ Datasheet HTML 29Page - Analog Devices AD9864BCPZ Datasheet HTML 30Page - Analog Devices AD9864BCPZ Datasheet HTML 31Page - Analog Devices AD9864BCPZ Datasheet HTML 32Page - Analog Devices AD9864BCPZ Datasheet HTML 33Page - Analog Devices AD9864BCPZ Datasheet HTML 34Page - Analog Devices AD9864BCPZ Datasheet HTML 35Page - Analog Devices AD9864BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9864
0
0
–3
–6
NORMALIZED FREQUENCY OFFSET ((
fIN–fIF) fCLK)
–9
–18
0.03
0.04
0.05
0.02
0.01
–12
–15
Signal estimation after the first decimation stage allows the
AGC to cope with out-of-band interferers and in-band signals
that could otherwise overload the ADC. Signal estimation after
the DVGA allows the AGC to minimize the effects of the 16-bit
truncation noise.
When the estimated signal level falls within the range of the
AGC, the AGC loop adjusts the VGA (or DVGA) attenuation
setting so that the estimated signal level is equal to the pro-
grammed level specified in the AGCR field. The absolute signal
strength can be determined from the contents of the ATTN and
RSSI field that is available in the SSI data frame when properly
configured. Within this AGC tracking range, the 6-bit value in
the RSSI field remains constant while the 8-bit ATTN field var-
ies according to the VGA/DVGA setting. Note that the ATTN
value is based on the 8 MSB contained in the AGCG field of
Registers 0x03 and 0x04.
Figure 60. Normalized RSSI Error vs. Normalized IF Frequency Offset
AUTOMATIC GAIN CONTROL (AGC)
A description of the AGC control algorithm and the user
adjustable parameters follows. First, consider the case in which
the in-band target signal is bigger than all out-of-band interfer-
ers and the DVGA is disabled. With the DVGA disabled, a
control loop based only on the target signal power measured
after DEC1 is used to control the VGA gain, and the target
signal will be tracked to the programmed reference level. If the
signal is too large, the attenuation is increased with a propor-
tionality constant determined by the AGCA setting. Large
AGCA values result in large gain changes, thus rapid tracking
of changes in signal strength. If the target signal is too small
relative to the reference level, the attenuation is reduced; but
now the proportionality constant is determined by both the
AGCA and AGCD settings. The AGCD value is effectively
subtracted from AGCA, so a large AGCD results in smaller
gain changes and thus slower tracking of fading signals.
The gain of the VGA (and DVGA) is automatically adjusted
when the AGC is enabled via the AGCR field of Register 0x06.
In this mode, the gain of the VGA is continuously updated at
fCLK/60 in an attempt to ensure that the maximum analog signal
level into the ADC does not exceed the ADC clip level and that
the rms output level of the ADC is equal to a programmable
reference level. With the DVGA enabled, the AGC control loop
also attempts to minimize the effects of 16-bit truncation noise
prior to the SSI output by continuously adjusting the DVGA’s
gain to ensure maximum digital gain while not exceeding the
programmable reference level.
This programmable level can be set at 3 dB, 6 dB, 9 dB, 12 dB,
and 15 dB below the ADC saturation (clip) level by writing
values from 1 to 5 to the 3-bit AGCR field. Note that the ADC
clip level is defined to be 2 dB below its full scale (i.e., –18 dBm
at the LNA input for a matched input and maximum attenua-
tion). If AGCR is 0, automatic gain control is disabled. Since
clipping of the ADC input will degrade the SNR performance,
the reference level should also take into consideration the peak-
to-rms characteristics of the target (or interferer) signals.
The 4-bit code in the AGCA field sets the raw bandwidth of the
AGC loop. With AGCA = 0, the AGC loop bandwidth is at its
minimum of 50 Hz, assuming fCLK = 18 MHz. Each increment
of AGCA increases the loop bandwidth by a factor of √2; thus
the maximum bandwidth is 9 kHz. A general expression for the
attack bandwidth is
Referring again to Figure 58, the majority of the AGC loop
operates in the discrete time domain. The sample rate of the
loop is fCLK/60; therefore, registers associated with the AGC
algorithm are updated at this rate. The number of overload and
ADC reset occurrences within the final I/Q update rate of the
AD9864, as well as the AGC value (8 MSB), can be read from
the SSI data upon proper configuration.
(
) (
)
Hz
MHz
f
BW
AGCA
CLK
A
2
/
2
18
/
50
×
×
=
(8)
and the corresponding attack time is
(
)
(
)
A
AGCA
ATTACK
BW
t
/
35
2
100
/
2
.
2
2
/
=
×
π
×
=
(9)
assuming that the loop dynamics are essentially those of a
single-pole system.
The AGC performs digital signal estimation at the output of the
first decimation stage (DEC1) as well as the DVGA output that
follows the last decimation stage (DEC3). The rms power of the
I and Q signal is estimated by the equation
[]
[]
()
[]
( n
Q
Abs
n
I
Abs
n
Xest
+
=
)
(7)
The 4-bit code in the AGCD field sets the ratio of the attack
time to the decay time in the amplitude estimation circuitry.
When AGCD is zero, this ratio is one. Incrementing AGCD
multiplies the decay time constant by 21/2, allowing a 180:1
Rev. 0 | Page 32 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com