Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 18Page - Analog Devices AD9864BCPZ Datasheet HTML 19Page - Analog Devices AD9864BCPZ Datasheet HTML 20Page - Analog Devices AD9864BCPZ Datasheet HTML 21Page - Analog Devices AD9864BCPZ Datasheet HTML 22Page - Analog Devices AD9864BCPZ Datasheet HTML 23Page - Analog Devices AD9864BCPZ Datasheet HTML 24Page - Analog Devices AD9864BCPZ Datasheet HTML 25Page - Analog Devices AD9864BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9864
SSI OUTPUT DRIVE STRENGTH SETTING
2
14
4
12
3
1
7
7
6
5
24-BIT I/O DATA
13
11
9
10
8
16-BIT I/O DATA
w/DVGA ENABLED
16-BIT I/O DATA
Figure 35. NF vs. SSI Output Drive Strength
(VDDx = 3.0 V, FCLK = 18 MSPS, BW = 75 kHz)
Table 10 lists the typical output rise/fall times as a function of DS
for a 10 pF load. Rise/fall times for other capacitor loads can be
determined by multiplying the typical values presented by a scal-
ing factor equal to the desired capacitive load divided by 10 pF.
Table 10. Typical Rise/Fall Times (±25%) with a 10 pF
Capacitive Load for Each DS Setting
DS
Typ (ns)
0
13.5
1
7.2
2
50
3
3.7
4
3.2
5
2.8
6
2.3
7
2.0
SYNCRONIZATION USING SYNCB
Many applications require the ability to synchronize one or
more AD9864s in a way that causes the output data to be pre-
cisely aligned to an external asynchronous signal. For example,
receiver applications employing diversity often require syn-
chronization of multiple AD9864s’ digital outputs. Satellite
communication applications using TDMA methods may
require synchronization between payload bursts to compensate
for reference frequency drift and Doppler effects.
SYNCB can be used for this purpose. It is an active-low signal
that clears the clock counters in both the decimation filter and
the SSI port. The counters in the clock synthesizers are not reset
because it is presumed that the CLK signals of multiple chips
would be connected. SYNCB also resets the modulator, result-
ing in a large-scale impulse that must propagate through the
AD9864’s digital filter and SSI data formatting circuitry before
recovering valid output data. As a result, data samples unaf-
fected by this SYNCB induced impulse can be recovered 12
output data samples after SYNCB goes high (independent of
the decimation factor).
Figure 36 shows the timing relationship between SYNCB and
the SSI port’s CLKOUT and FS signals. SYNCB is an asynchro-
nous active-low signal that must remain low for at least half an
input clock period, i.e., 1/(2 × fCLK). CLKOUT remains high
while FS remains low upon SYNCB going low. CLKOUT will
become active within one to two output clock periods upon
SYNCB returning high. FS will reappear several output cycles
later, depending on the digital filter’s decimation factor and the
SSIORD setting. Note that for any decimation factor and
SSIORD setting, this delay is fixed and repeatable. To verify
proper synchronization, the FS signals of the multiple AD9864
devices should be monitored.
FS
SYNCB
CLKOUT
Figure 36. SYNCB Timing
INTERFACING TO DSPs
The AD9864 connects directly to an Analog Devices program-
mable digital signal processor (DSP). Figure 37 illustrates an
example with the Blackfin® series of ADSP-2153x processors.
The Blackfin DSP series of 16-bit products is optimized for
telecommunications applications with its dynamic power man-
agement feature, making it well suited for portable radio prod-
ucts. The code compatible family members share the funda-
mental core attributes of high performance, low power con-
sumption, and the ease-of-use advantages of a microcontroller
instruction set.
AD9864
CLKOUT
RSCLK
PC
SCK
PE
SEL
PD
MOSI
DOUTBM
ISO
FS
RFS
DOUTAD
R
SPI
SSI
ADSP-2153x
SERIAL
PORT
SPI-PORT
Figure 37. Example of AD9864 and ADSP-2153x Interface
As shown in Figure 37, AD9864’s synchronous serial interface
(SSI) links the receive data stream to the DSP’s serial port
(SPORT). For AD9864 setup and register programming, the
device connects directly to ADSP-2153x’s SPI port. Dedicated
select lines (SEL) allow the ADSP-2153x to program and read
back registers of multiple devices using only one SPI port. The
DSP driver code pertaining to this interface is available on the
AD9864 Web page.
Rev. 0 | Page 22 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com