Electronic Components Datasheet Search
  English  ▼

X  

AD9864BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 21Page - Analog Devices AD9864BCPZ Datasheet HTML 22Page - Analog Devices AD9864BCPZ Datasheet HTML 23Page - Analog Devices AD9864BCPZ Datasheet HTML 24Page - Analog Devices AD9864BCPZ Datasheet HTML 25Page - Analog Devices AD9864BCPZ Datasheet HTML 26Page - Analog Devices AD9864BCPZ Datasheet HTML 27Page - Analog Devices AD9864BCPZ Datasheet HTML 28Page - Analog Devices AD9864BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD9864
Rev. 0 | Page 25 of 44
The 14-bit reference counter and 13-bit N-divider counter can be
programmed via registers CKR and CKN. The clock frequency,
fCLK, is related to the reference frequency by the equation
(
REF
CLK
f
CKR
CKN
f
×
=
/
)
(5)
The charge pump current is programmable via the CKI register
from 0.625 mA to 5.0 mA using the equation
()
mA
CKI
IPUMP
625
.
0
1 ×
+
=
(6)
The fast acquire subcircuit of the charge pump is controlled by
the CKFA register in the same manner the LO synthesizer is
controlled by the LOFA register. An on-chip lock detect func-
tion (enabled by the CKF bit) automatically increases the out-
put current for faster settling during channel changes. The syn-
thesizer may also be disabled using the CK standby bit located
in the STBY register.
2
VDDC = 3.0V
IOUTC
LOSC
0.1
µF
RBIAS
LOOP
FILTER
RD
AD9864
CLKN
CLKP
15
19
20
RF CP
CZ
CVAR
COSC
VCM = VDDC – RBIAS × IBIAS > 1.6V
fOSC > 1/{2π× (LOSC × (CVARACTOR||COSC))1/2}
CLK OSC. BIAS
IBIAS = 0.15mA, 0.25mA,
0.40mA, OR 0.65mA
Figure 40. External Loop Filter, Varactor, and LC Tank
Are Required to Realize a Complete Clock Synthesizer
The AD9864 clock synthesizer circuitry includes a negative
resistance core so that only an external LC tank circuit with a
varactor is needed to realize a voltage controlled clock oscillator
(VCO). Figure 40 shows the external components required to
complete the clock synthesizer along with the equivalent input
circuitry of the CLK input. The resonant frequency of the VCO
is approximately determined by LOSC and the series equivalent
capacitance of COSC and CVAR. As a result, LOSC, COSC, and CVAR
should be selected to provide a sufficient tuning range to ensure
proper locking of the clock synthesizer.
The bias, IBIAS, of the negative-resistance core has four pro-
grammable settings. Lower equivalent Q of the LC tank circuit
may require a higher bias setting of the negative-resistance core
to ensure proper oscillation. RBIAS should be selected so the
common-mode voltage at CLKP and CLKN is approximately
1.6 V. The synthesizer may be disabled via the CK standby bit
to allow the user to employ an external synthesizer and/or VCO
in place of those resident on the IC. Note that if an external
CLK source or VCO is used, the clock oscillator must be
disabled via the CKO standby bit.
The phase noise performance of the clock synthesizer is
dependent on several factors, including the CLK oscillator IBIAS
setting, charge pump setting, loop filter component values, and
internal fREF setting. Figure 41 and Figure 42 show how the
measured phase noise attributed to the clock synthesizer varies
(relative to an external fCLK) as a function of the IBIAS setting and
charge pump setting for a –31 dBm IFIN signal at 73.35 MHz
with an external LO signal at 71.1 MHz. Figure 41 shows that
the optimum phase noise is achieved with the highest IBIAS
(CKO) setting, while Figure 42 shows that the higher charge
pump values provide the optimum performance for the given
loop filter configuration. The AD9864 clock synthesizer and
oscillator were set up to provide an fCLK of 18 MHz from an
external fREF of 16.8 MHz. The following external component
values were selected for the synthesizer: RF = 390 Ω, RD = 2 kΩ,
CZ = 0.68 µF, CP = 0.1 µF, COSC = 91 pF, LOSC = 1.2 µH, and CVAR
= Toshiba 1SV228 Varactor.
–25
–90
–100
–110
–120
–20
–15
–10
–5
5
10
15
20
25
FREQUENCY OFFSET (kHz)
–80
–70
–60
–50
–40
–30
–20
–10
–130
–140
CKO = 1
CK0 = 0
CKO = 2
CKO = 3
EXT CLK
0
0
Figure 41. CLK Phase Noise vs. IBIAS Setting (CKO) (IF = 73.35 MHz,
IF = 71.1 MHz, IFIN = –31 dBm, fCLK = 18 MHz, fREF = 16.8 MHz)
(CLK SYN Settings: CKI = 7, CLR = 56, and CLN = 60 with fREF = 300 kHz)
–25
–90
–100
–110
–120
–20
–15
–10
5
5
10
15
20
25
FREQUENCY OFFSET (kHz)
–80
–70
–60
–50
–40
–30
–20
–10
0
–130
–140
CP = 0
CP = 2
CP = 4
CP = 6
EXT CLK
0
Figure 42. CLK Phase Noise vs. IBIAS Setting (CKO) (IF = 73.35 MHz,
IF = 71.1 MHz, IFIN = –31 dBm, fCLK = 18 MHz, fREF = 16.8 MHz) (CLK SYN
Settings: CKO Bias = 3, CKR = 56, and CKN = 60 with fREF = 300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com