Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 3 Page - Texas Instruments

  DS90CF366 Datasheet HTML 1Page - Texas Instruments DS90CF366 Datasheet HTML 2Page - Texas Instruments DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Not to scale
1
RxOUT17
48
VCC
2
RxOUT18
47
RxOUT16
3
GND
46
RxOUT15
4
RxOUT19
45
RxOUT14
5
RxOUT20
44
GND
6
NC
43
RxOUT13
7
LVDS_GND
42
VCC
8
RxIN0-
41
RxOUT12
9
RxIN0+
40
RxOUT11
10
RxIN1-
39
RxOUT10
11
RxIN1+
38
GND
12
LVDS_VCC
37
RxOUT9
13
LVDS_GND
36
VCC
14
RxIN2-
35
RxOUT8
15
RxIN2+
34
RxOUT7
16
RxCLKIN-
33
RxOUT6
17
RxCLKIN+
32
GND
18
LVDS_GND
31
RxOUT5
19
PLL_GND
30
RxOUT4
20
PLL_VCC
29
RxOUT3
21
PLL_GND
28
VCC
22
PWR_DWN
27
RxOUT2
23
RxCLKOUT
26
RxOUT1
24
RxOUT0
25
GND
3
DS90CF366, DS90CF386
www.ti.com
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGG Package
48-Pin TSSOP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com