Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 12Page - Texas Instruments DS90CF366 Datasheet HTML 13Page - Texas Instruments DS90CF366 Datasheet HTML 14Page - Texas Instruments DS90CF366 Datasheet HTML 15Page - Texas Instruments DS90CF366 Datasheet HTML 16Page - Texas Instruments DS90CF366 Datasheet HTML 17Page - Texas Instruments DS90CF366 Datasheet HTML 18Page - Texas Instruments DS90CF366 Datasheet HTML 19Page - Texas Instruments DS90CF366 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Time (4.0 ns/DIV)
Time (4.0 ns/DIV)
Time (20.0 ns/DIV)
Time (4.0 ns/DIV)
16
DS90CF366, DS90CF386
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 14. Parallel PRBS-7 on LVCMOS Outputs at 85 MHz
Figure 15. Typical RxOUT Strobe Position at 85 MHz
Figure 16. Typical RxOUT Setup Time at 85 MHz
(RSRC = 4.5 ns)
Figure 17. Typical RxOUT Hold Time at 85 MHz
(RHRC = 5.9 ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com