Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 5 Page - Texas Instruments

  DS90CF366 Datasheet HTML 1Page - Texas Instruments DS90CF366 Datasheet HTML 2Page - Texas Instruments DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
1
2
3
4
5
6
7
8
A
B
C
D
E
F
G
H
Not to scale
RxOUT17
VCC
RxOUT15
GND
RxOUT12
RxOUT8
RxOUT7
RxOUT6
GND
NC
RxOUT16
RxOUT11
VCC
GND
RxOUT5
RxOUT3
RxOUT21
NC
RxOUT18
RxOUT14
RxOUT9
RxOUT4
NC
RxOUT1
VCC
RxOUT20
RxOUT19
RxOUT13
RxOUT10
VCC
RxOUT2
GND
RxOUT22
RxOUT24
GND
LVDS_
VCC
LVDS_GND
PWR_DWN
RxCLKOUT
RxOUT0
RxOUT23
RxOUT26
NC
RxIN1-
RxIN2+
PLL_GND
PLL_
VCC
NC
RxOUT25
NC
LVDS_GND
RxIN1+
RxIN2-
RxIN3-
LVDS_GND
PLL_GND
RxOUT27
RxIN0-
RxIN0+
LVDS_
VCC
LVDS_GND
RxCLKIN-
RxCLKIN+
RxIN3+
5
DS90CF366, DS90CF386
www.ti.com
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
NZC Package
64-Pin NFBGA
Top View
(1)
G = Ground, I = Input, O = Output, and P = Power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
DS90CF366
DS90CF386
TSSOP
TSSOP
NFBGA
GND
3, 25, 32,
38, 44
4, 28, 36,
44, 52
A4, B1, B6,
D8, E3
G
Ground pins for LVCMOS outputs.
LVDS GND
7, 13, 18
8, 14, 21
E5, G3, G7,
H5
G
Ground pins for LVDS inputs.
LVDS VCC
12
13
E4, H4
P
Power supply pin for LVDS inputs.
NC
6
—
B2, C2, C7,
F3, F8, G2
—
Pins not connected.
PLL GND
19, 21
22, 24
F6, G8
G
Ground pin for PLL.
PLL VCC
20
23
F7
P
Power supply for PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com