Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 2Page - Texas Instruments DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments DS90CF366 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
DS90CF366, DS90CF386
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
DS90CF366
DS90CF386
TSSOP
TSSOP
NFBGA
PWR DWN
22
25
E6
I
LVCMOS level input. When asserted (low input) the receiver
outputs are low.
RxCLKIN+
17
18
H7
I
Positive LVDS differential clock input.
RxCLKIN-
16
17
H6
I
Negative LVDS differential clock input.
RxCLKOUT
23
26
E7
O
LVCMOS level clock output. The falling edge acts as data
strobe.
RxIN0+
9
10
H3
I
Positive LVDS differential data inputs.
RxIN0-
8
9
H2
I
Negative LVDS differential data inputs.
RxIN1+
11
12
G4
I
Positive LVDS differential data inputs.
RxIN1-
10
11
F4
I
Negative LVDS differential data inputs.
RxIN2+
15
16
F5
I
Positive LVDS differential data inputs.
RxIN2-
14
15
G5
I
Negative LVDS differential data inputs.
RxIN3+
—
20
H8
I
Positive LVDS differential data inputs.
RxIN3-
—
19
G6
I
Negative LVDS differential data inputs.
RxOUT0
24
27
E8
O
LVCMOS level data output.
RxOUT1
26
29
C8
O
LVCMOS level data output.
RxOUT2
27
30
D7
O
LVCMOS level data output.
RxOUT3
29
32
B8
O
LVCMOS level data output.
RxOUT4
30
33
C6
O
LVCMOS level data output.
RxOUT5
31
34
B7
O
LVCMOS level data output.
RxOUT6
33
35
A8
O
LVCMOS level data output.
RxOUT7
34
37
A7
O
LVCMOS level data output.
RxOUT8
35
38
A6
O
LVCMOS level data output.
RxOUT9
37
39
C5
O
LVCMOS level data output.
RxOUT10
39
41
D5
O
LVCMOS level data output.
RxOUT11
40
42
B4
O
LVCMOS level data output.
RxOUT12
41
43
A5
O
LVCMOS level data output.
RxOUT13
43
45
D4
O
LVCMOS level data output.
RxOUT14
45
46
C4
O
LVCMOS level data output.
RxOUT15
46
47
A3
O
LVCMOS level data output.
RxOUT16
47
49
B3
O
LVCMOS level data output.
RxOUT17
1
50
A1
O
LVCMOS level data output.
RxOUT18
2
51
C3
O
LVCMOS level data output.
RxOUT19
4
53
D3
O
LVCMOS level data output.
RxOUT20
5
54
D2
O
LVCMOS level data output.
RxOUT21
—
55
C1
O
LVCMOS level data output.
RxOUT22
—
1
E1
O
LVCMOS level data output.
RxOUT23
—
2
F1
O
LVCMOS level data output.
RxOUT24
—
3
E2
O
LVCMOS level data output.
RxOUT25
—
5
G1
O
LVCMOS level data output.
RxOUT26
—
6
F2
O
LVCMOS level data output.
RxOUT27
—
7
H1
O
LVCMOS level data output.
VCC
28, 36, 42, 48
31, 40, 48, 56
A2, B5, D1, D6
P
Power supply pins for LVCMOS outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com