Electronic Components Datasheet Search
  English  ▼

X  

FDC2114 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114 Datasheet(HTML) 32 Page - Texas Instruments

Back Button FDC2114 Datasheet HTML 28Page - Texas Instruments FDC2114 Datasheet HTML 29Page - Texas Instruments FDC2114 Datasheet HTML 30Page - Texas Instruments FDC2114 Datasheet HTML 31Page - Texas Instruments FDC2114 Datasheet HTML 32Page - Texas Instruments FDC2114 Datasheet HTML 33Page - Texas Instruments FDC2114 Datasheet HTML 34Page - Texas Instruments FDC2114 Datasheet HTML 35Page - Texas Instruments FDC2114 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
9.6.26 Address 0x18, STATUS
Figure 43. Address 0x18, STATUS
15
14
13
12
11
10
9
8
ERR_CHAN
RESERVED
ERR_WD
RESERVED
7
6
5
4
3
2
1
0
RESERVED
DRDY
RESERVED
CH0_UNREA
CH1_
CH2_
CH3_
DCONV
UNREADCONV UNREADCONV UNREADCONV
Table 36. Address 0x18, STATUS Field Descriptions
Bit
Field
Type
Reset
Description
15:14
ERR_CHAN
R
00
Error Channel
Indicates which channel has generated a Flag or Error. Once
flagged, any reported error is latched and maintained until either
the STATUS register or the DATA_CHx register corresponding
to the Error Channel is read.
b00: Channel 0 is source of flag or error.
b01: Channel 1 is source of flag or error.
b10: Channel 2 is source of flag or error (FDC2114, FDC2214
only).
b11: Channel 3 is source of flag or error (FDC2114, FDC2214
only).
13:12
RESERVED
R
00
Reserved
11
ERR_WD
R
0
Watchdog Timeout Error
b0: No Watchdog Timeout error was recorded since the last
read of the STATUS register.
b1: An active channel has generated a Watchdog Timeout error.
Refer to STATUS.ERR_CHAN field to determine which channel
is the source of this error.
10
ERR_AHW
R
0
Amplitude High Warning
b0: No Amplitude High warning was recorded since the last read
of the STATUS register.
b1: An active channel has generated an Amplitude High
warning. Refer to STATUS.ERR_CHAN field to determine which
channel is the source of this warning.
9
ERR_ALW
R
0
Amplitude Low Warning
b0: No Amplitude Low warning was recorded since the last read
of the STATUS register.
b1: An active channel has generated an Amplitude Low warning.
Refer to STATUS.ERR_CHAN field to determine which channel
is the source of this warning.
8:7
RESERVED
R
00
Reserved
6
DRDY
R
0
Data Ready Flag.
b0: No new conversion result was recorded in the STATUS
register.
b1: A new conversion result is ready. When in Single Channel
Conversion, this indicates a single conversion is available. When
in sequential mode, this indicates that a new conversion result
for all active channels is now available.
3
CH0_UNREADCONV
R
0
Channel 0 Unread Conversion b0: No unread conversion is
present for Channel 0.
b1: An unread conversion is present for Channel 0.
Read Register DATA_CH0 to retrieve conversion results.
2
CH1_ UNREADCONV
R
0
Channel 1 Unread Conversion b0: No unread conversion is
present for Channel 1.
b1: An unread conversion is present for Channel 1.
Read Register DATA_CH1 to retrieve conversion results.
1
CH2_ UNREADCONV
R
0
Channel 2 Unread Conversion b0: No unread conversion is
present for Channel 2.
b1: An unread conversion is present for Channel 2.
Read Register DATA_CH2 to retrieve conversion results
(FDC2114, FDC2214 only)
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com